Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 12 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8422IPFBT Datasheet HTML 8Page - Texas Instruments ADS8422IPFBT Datasheet HTML 9Page - Texas Instruments ADS8422IPFBT Datasheet HTML 10Page - Texas Instruments ADS8422IPFBT Datasheet HTML 11Page - Texas Instruments ADS8422IPFBT Datasheet HTML 12Page - Texas Instruments ADS8422IPFBT Datasheet HTML 13Page - Texas Instruments ADS8422IPFBT Datasheet HTML 14Page - Texas Instruments ADS8422IPFBT Datasheet HTML 15Page - Texas Instruments ADS8422IPFBT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
-200
-160
-120
-80
-40
0
0
200
400
600
800
1000
1200
1400
1600
2000
1800
f-Frequency-kHz
+VA =5V,+VAREG=3V,+VBD=3V,REFIN=4.096V,
f =500kHz,SNR=90dB,THD=100dB
i
TIMING DIAGRAMS
CONVST
DB(Internal)
ACQUISITION
BUSY
Sample(N+1)
Conversion(N)
tq1
tw1
tq2
tp1
tw2
t(acq)
td1
Sample(N)
t(CONV)
CONVERT
DB(N-1)
td2
td3
DB(N)
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
FFT (500 kHz)
Figure 23.
Note: The DB shown here is internal to the device and output on the pins only if and when CS and RD are both low
(after td4 ns). This is shown in Figure 25.
Figure 24. Conversion Control Timing
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com