Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS8422IPFBT Datasheet HTML 5Page - Texas Instruments ADS8422IPFBT Datasheet HTML 6Page - Texas Instruments ADS8422IPFBT Datasheet HTML 7Page - Texas Instruments ADS8422IPFBT Datasheet HTML 8Page - Texas Instruments ADS8422IPFBT Datasheet HTML 9Page - Texas Instruments ADS8422IPFBT Datasheet HTML 10Page - Texas Instruments ADS8422IPFBT Datasheet HTML 11Page - Texas Instruments ADS8422IPFBT Datasheet HTML 12Page - Texas Instruments ADS8422IPFBT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
0
0.010
0.020
0.030
0.040
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
º
+VA =5V,
+VAREG=3V,
+VBD=3V,
REFIN=4.096V
0
0.050
0.100
0.150
0.200
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
º
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
84
86
88
90
92
94
1
10
100
1000
f -InputFrequency-kHz
i
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
84
86
88
90
92
94
1
10
100
1000
f -InputFrequency-kHz
i
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
1
10
100
1000
13.5
14
14.5
15
15.5
16
f -InputFrequency-kHz
i
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
90
91
92
93
94
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
º
+VA =5V,+VAREG=3V,+VBD=3V,
REFIN=4.096V,f =18kHz
i
1
10
100
1000
f -InputFrequency-kHz
i
85
90
95
100
105
110
115
120
125
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
-125
-120
-115
-110
-105
-100
-95
-90
-85
1
10
100
1000
f -InputFrequency-kHz
i
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V
-120
-115
-110
-105
-100
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature- C
A
º
+VA =5V,+VAREG=3V,
+VBD=3V,REFIN=4.096V,
f =18kHz
i
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
OFFSET VOLTAGE
GAIN ERROR
SIGNAL-TO-NOISE RATIO
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
INPUT FREQUENCY
Figure 4.
Figure 5.
Figure 6.
SIGNAL-TO-NOISE + DISTORTION
EFFECTIVE NUMBER OF BITS
SIGNAL-TO-NOISE RATIO
vs
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
TOTAL HARMONIC DISTORTION
SPURIOUS FREE DYNAMIC RANGE
TOTAL HARMONIC DISTORTION
vs
vs
vs
INPUT FREQUENCY
INPUT FREQUENCY
FREE-AIR TEMPERATURE
Figure 10.
Figure 11.
Figure 12.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com