Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8422IPFBT Datasheet HTML 7Page - Texas Instruments ADS8422IPFBT Datasheet HTML 8Page - Texas Instruments ADS8422IPFBT Datasheet HTML 9Page - Texas Instruments ADS8422IPFBT Datasheet HTML 10Page - Texas Instruments ADS8422IPFBT Datasheet HTML 11Page - Texas Instruments ADS8422IPFBT Datasheet HTML 12Page - Texas Instruments ADS8422IPFBT Datasheet HTML 13Page - Texas Instruments ADS8422IPFBT Datasheet HTML 14Page - Texas Instruments ADS8422IPFBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
16384
32768
49152
65536
Code
+VA =5V,+VAREG=3V,+VBD=3V,REFIN=4.096V
-200
-160
-120
-80
-40
0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
f-Frequency-kHz
+VA =5V,+VAREG=3V,+VBD=3V,REFIN=4.096V,
f =10kHz,SNR=93dB,THD=114dB
i
-200
-160
-120
-80
-40
0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
f-Frequency-kHz
+VA =5V,+VAREG=3V,+VBD=3V,REFIN=4.096V,
f =100kHz,SNR=92dB,THD=102dB
i
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
INL
Figure 20.
FFT (10 kHz)
Figure 21.
FFT (100 kHz)
Figure 22.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com