Electronic Components Datasheet Search
  English  ▼

X  

ADS8422IPFBT Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS8422IPFBT
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8422IPFBT Datasheet(HTML) 5 Page - Texas Instruments

  ADS8422IPFBT Datasheet HTML 1Page - Texas Instruments ADS8422IPFBT Datasheet HTML 2Page - Texas Instruments ADS8422IPFBT Datasheet HTML 3Page - Texas Instruments ADS8422IPFBT Datasheet HTML 4Page - Texas Instruments ADS8422IPFBT Datasheet HTML 5Page - Texas Instruments ADS8422IPFBT Datasheet HTML 6Page - Texas Instruments ADS8422IPFBT Datasheet HTML 7Page - Texas Instruments ADS8422IPFBT Datasheet HTML 8Page - Texas Instruments ADS8422IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
SPECIFICATIONS (Continued)
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
T
A = –40°C to 85°C, +VA = 5 V, +VAREG = 5 V to 3 V, +VBD = 5 V to 2.7 V, fSAMPLE = 4 MSPS, Vref = 4.096 V (measured
with internal reference buffer) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
Logic family – CMOS
VIH
IIH = 5 µA
0.75
×(+VBD)
+VBD + 0.3
VIL
IIL = 5 µA
–0.3
0.8
Logic level
V
VOH
IOH = 2 TTL loads
+VBD – 0.6
VOL
IOL = 2 TTL loads
0.4
Data format – Twos complement
POWER SUPPLY REQUIREMENTS
+VA
4.75
5
5.25
Power supply voltage
+VAREG
2.85
3.0
5.25
V
+VBD
2.7
3.0
5.25
+VA
+VA = 5 V, PD1 = 1, PD2 = 1
24
27
mA
+VAREG = 5 V, PD1 = 1, PD2 = 1
12
14
+VAREG
mA
Supply current
+VAREG = 3 V, PD1 = 1, PD2 = 1
12
14
+VBD = 3 V, 10 pF/pin
0.55
+VBD(1)
mA
+VBD = 5 V, 20 pF/pin
1.8
POWER DOWN(2)
+VA
2.5
3.4
mA
Supply current
PD1 = 0, PD2 = 1, +VA = 5 V
+VAREG
5
µA
Power
17
mW
Power-up time
(PD1, PD2) : (0,1)
→ (1,1)
5
µs
+VA
5
Supply current
PD1 = 0, PD2 = 0
µ A
+VAREG
5
Power
40
µW
(PD1, PD2) : (0,0)
→ (1,1) , 1-µF Storage
25
Power-up time
ms
capacitor from REFOUT to AGND
TEMPERATURE RANGE
Operating free-air
–40
85
°C
(1)
This includes the current required for charging the external load capacitance on the digital outputs and is measured with four digital
outputs toggling at the same time.
(2)
(PD1 , PD2 ) = (1,0) is reserved. Do not use this power-down pins combination.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com