Electronic Components Datasheet Search
  English  ▼

X  

TLC3574IPW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574IPW
Description  14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3574IPW Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC3574IPW Datasheet HTML 12Page - Texas Instruments TLC3574IPW Datasheet HTML 13Page - Texas Instruments TLC3574IPW Datasheet HTML 14Page - Texas Instruments TLC3574IPW Datasheet HTML 15Page - Texas Instruments TLC3574IPW Datasheet HTML 16Page - Texas Instruments TLC3574IPW Datasheet HTML 17Page - Texas Instruments TLC3574IPW Datasheet HTML 18Page - Texas Instruments TLC3574IPW Datasheet HTML 19Page - Texas Instruments TLC3574IPW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
16
WWW.TI.COM
timing requirements over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, VREFP = 4 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted) (continued)
CSTART trigger
PARAMETERS
MIN
TYP
MAX
UNIT
td(12)
Delay time, delay from CSTART rising edge to EOC falling edge, at 10-pF
load
0
15
21
ns
tw(4)
Pulse width of CSTART low, at 25-pF load (see Note 13)
t(sample_reg)+0.4
µs
td(13)
Delay time, delay from CSTART rising edge to CSTART falling edge, at 25-pF
load (see Note 13 and 14)
t(conv)+15
ns
td(14)
Delay time, delay from CSTART rising edge to INT falling edge, at 10-pF
load (see Note 13 and 14)
t(conv)+15
t(conv)+21
ns
td(15)
Delay time, delay from CSTART falling edge to INT rising edge, at 10-pF
load
0
6
ns
NOTES: 13. The pulse width of the CSTART must be not less than the required sampling time.
The delay from CSTART rising edge to following CSTART falling edge must be not less than the required conversion time.
The delay from CSTART rising edge to the INT falling edge is equal to the conversion time.
14. The maximum rate of SCLK is 25 MHz for normal long sampling and 10 MHz for normal short sampling.
t(conv)
OR
tw(4)
td(13)
td(12)
td(14)
td(15)
CSTART
EOC
INT
Figure 4. Critical Timing for Extended Sampling (CSTART Trigger)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com