Electronic Components Datasheet Search
  English  ▼

X  

TLC3574IPW Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574IPW
Description  14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3574IPW Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC3574IPW Datasheet HTML 31Page - Texas Instruments TLC3574IPW Datasheet HTML 32Page - Texas Instruments TLC3574IPW Datasheet HTML 33Page - Texas Instruments TLC3574IPW Datasheet HTML 34Page - Texas Instruments TLC3574IPW Datasheet HTML 35Page - Texas Instruments TLC3574IPW Datasheet HTML 36Page - Texas Instruments TLC3574IPW Datasheet HTML 37Page - Texas Instruments TLC3574IPW Datasheet HTML 38Page - Texas Instruments TLC3574IPW Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
35
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 26
fI − Input Signal Frequency − Hz
76
74
72
1 k
20 k
40 k
78
80
SINAD
vs
INPUT SIGNAL FREQUENCY
82
60 k
80 k
Reference = 4 V
AVDD = 5 V
TA = 25°C
100 k
Figure 27
12
11.6
1 k
20 k
40 k
60 k
12.4
12.8
ENOB
vs
INPUT SIGNAL FREQUENCY
13.2
80 k
Reference = 4 V
AVDD = 5 V
TA = 25°C
fI − Input Signal Frequency − Hz
100 k
Figure 28
−84
1 k
20 k
40 k
60 k
−82
−80
TOTAL HARMONIC DISTORTION
vs
INPUT SIGNAL FREQUENCY
−78
100 k
Reference = 4 V
AVDD = 5 V
TA = 25°C
fI − Input Signal Frequency − Hz
80 k
Figure 29
79
77
1 k
20 k
40 k
60 k
81
83
SFDR
vs
INPUT SIGNAL FREQUENCY
85
100 k
Reference = 4 V
AVDD = 5 V
TA = 25°C
fI − Input Signal Frequency − Hz
80 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com