Electronic Components Datasheet Search
  English  ▼

X  

TLC3574IPW Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574IPW
Description  14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3574IPW Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLC3574IPW Datasheet HTML 25Page - Texas Instruments TLC3574IPW Datasheet HTML 26Page - Texas Instruments TLC3574IPW Datasheet HTML 27Page - Texas Instruments TLC3574IPW Datasheet HTML 28Page - Texas Instruments TLC3574IPW Datasheet HTML 29Page - Texas Instruments TLC3574IPW Datasheet HTML 30Page - Texas Instruments TLC3574IPW Datasheet HTML 31Page - Texas Instruments TLC3574IPW Datasheet HTML 32Page - Texas Instruments TLC3574IPW Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
29
WWW.TI.COM
conversion operation (continued)
***
Hi-Z
**
**
Data Lost
Hi-Z
**
Select Channel
Possible
Signal
t(sample)
t(convert)
Select Channel
16 SCLK
Select Channel
16 SCLK
Previous Conversion Result
CS Tied to Low
CSTART
FS
SDI
INT
EOC
SDO
Hi-Z
OR
Conversion Result
Don’t Care
Possible Signal
Figure 13. Mode 00, CSTART Triggers Sampling/Conversion, FS Initiates Select
**
Hi-Z
***
*
**
*
*
*
Select CH1
Select CH2
1/4 FIFO FULL
1/4 FIFO FULL
Don’t Care
***
−− WRITE CFR
**
−− Select Channel
*
−− FIFO Read
**
**
Select Any
Channel
Select Any
Channel
Possible Signal
DATA1 of CH1 DATA2 of CH1
MODE 01, FS Activates Conversion, FIFO Threshold = 1/4 Full
Read FIFO After Threshold Is Hit
CS
FS
SDI
SDO
INT
DATA1 of CH2 DATA2 of CH2
Figure 14. Mode 01, FS Initiates Operations
**
Hi-Z
***
*
**
*
*
*
1/4 FIFO FULL
1/4 FIFO FULL
Don’t Care
***
−− WRITE CFR
**
−− Select Channel
*
−− FIFO Read
Select CH1
Select CH2
DATA1 of CH1 DATA2 of CH1
DATA1 of CH2 DATA2 of CH2
MODE 01, FS Initiates Select Period, CSTART Activates Conversion, FIFO Threshold = 1/4 Full,
Read FIFO After Threshold Is Hit
CS
FS
CSTART
SDI
SDO
INT
Possible Signal
Figure 15. Mode 01, CSTART Triggers Samplings/Conversions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com