Electronic Components Datasheet Search
  English  ▼

X  

TLC3574IPW Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574IPW
Description  14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3574IPW Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC3574IPW Datasheet HTML 11Page - Texas Instruments TLC3574IPW Datasheet HTML 12Page - Texas Instruments TLC3574IPW Datasheet HTML 13Page - Texas Instruments TLC3574IPW Datasheet HTML 14Page - Texas Instruments TLC3574IPW Datasheet HTML 15Page - Texas Instruments TLC3574IPW Datasheet HTML 16Page - Texas Instruments TLC3574IPW Datasheet HTML 17Page - Texas Instruments TLC3574IPW Datasheet HTML 18Page - Texas Instruments TLC3574IPW Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
15
WWW.TI.COM
timing requirements over recommended operating free-air temperature range, AVDD = 5 V,
DVDD = 5 V, VREFP = 4 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted) (continued)
FS trigger
PARAMETERS
MIN
TYP
MAX
UNIT
td(8)
Delay time, delay from CS falling edge to FS rising edge at 25-pF load
0.5
tc(1)
tsu(3)
Setup time, FS rising edge before SCLK falling edge at 25-pF load
0.25
×tc(1)
0.5
×tc(1)+ 5
ns
tw(3)
Pulse width of FS high, at 25-pF load
0.75
×tc(1)
tc(1)
1.25
×tc(1)
ns
td(9)
Delay time, delay from FS rising edge to MSB of SDO valid
DVDD = 5 V
26
ns
td(9)
Delay time, delay from FS rising edge to MSB of SDO valid
(reaches 90% final level), at 10-pF load
DVDD = 2.7 V
30†
ns
td(10) Delay time, delay from FS rising edge to next FS rising edge, at 25-pF load
Required
sampling time +
conversion time
ns
td(11)
Delay time, delay from FS rising edge to INT rising edge, at
DVDD = 5 V
0
6
ns
td(11)
Delay time, delay from FS rising edge to INT rising edge, at
10-pF load
DVDD = 2.7 V
0
16†
ns
† Specified by design
ID15
OD1
OD0
ID1
Hi-Z
1
16
OD15
ID0
Don’t Care
ID15
OD15
OR
td(10)
tw(3)
td(8)
tsu(3)
td(9)
td(11)
Don’t Care
Don’t Care
Don’t Care
Hi-Z
VIH
VIL
VOH
VOH
CS
FS
SCLK
SDI
SDO
EOC
INT
− − − − The dotted line means signal may or may not exist, depending on application. It must be ignored.
Normal sampling mode, FS initiates the conversion, CS can be tied to low. When CS is high, SDO is in Hi-Z, all inputs (FS, SCLK,
SDI) are inactive and are ignored.
Figure 3. Critical Timing for FS Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com