Electronic Components Datasheet Search
  English  ▼

X  

TLC3574IPW Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TLC3574IPW
Description  14-Bit Resolution for TLC3574/78, 12-Bit for TLC2574/2578
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3574IPW Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLC3574IPW Datasheet HTML 30Page - Texas Instruments TLC3574IPW Datasheet HTML 31Page - Texas Instruments TLC3574IPW Datasheet HTML 32Page - Texas Instruments TLC3574IPW Datasheet HTML 33Page - Texas Instruments TLC3574IPW Datasheet HTML 34Page - Texas Instruments TLC3574IPW Datasheet HTML 35Page - Texas Instruments TLC3574IPW Datasheet HTML 36Page - Texas Instruments TLC3574IPW Datasheet HTML 37Page - Texas Instruments TLC3574IPW Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
TLC3574, TLC3578, TLC2574, TLC2578
5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL
SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS
SLAS262C − OCTOBER 2000 − REVISED MAY 2003
34
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 23
0.4
0.7
1
1.3
−40.00
25
85
INL (LSB) AND DNL (LSB)
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
DNL
INL
Reference = 4 V
AVDD = 5 V
Figure 24
TA − Free-Air Temperature − °C
0.200
0.100
−40.00
25
0.300
0.400
BIPOLAR ZERO ERROR, POSITIVE FULL SCALE ERROR
AND NEGATIVE FULL SCALE ERROR (% FS)
vs
FREE-AIR TEMPERATURE
0.500
85
Reference = 4 V
AVDD = 5 V
Negative Full Scale Error
Positive Full Scale Error
Bipolar Zero Error
Figure 25
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0.0
24.4
48.8
73.2
97.6
FFT OF SNR (dB)
f − Frequency − kHz
0
−20
−40
−60
−80
−100
−120
−140
−160
−180
0
24.4
48.8
73.2
97.7
Reference = 4 V
AVDD = 5 V
TA = 25°C
200 KSPS
Input Signal = 20 kHz, 0dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com