Electronic Components Datasheet Search
  English  ▼

X  

E113 Datasheet(PDF) 9 Page - Gilway Technical Lamp

Part # E113
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E113 Datasheet(HTML) 9 Page - Gilway Technical Lamp

Back Button E113 Datasheet HTML 5Page - Gilway Technical Lamp E113 Datasheet HTML 6Page - Gilway Technical Lamp E113 Datasheet HTML 7Page - Gilway Technical Lamp E113 Datasheet HTML 8Page - Gilway Technical Lamp E113 Datasheet HTML 9Page - Gilway Technical Lamp E113 Datasheet HTML 10Page - Gilway Technical Lamp E113 Datasheet HTML 11Page - Gilway Technical Lamp E113 Datasheet HTML 12Page - Gilway Technical Lamp E113 Datasheet HTML 13Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Spec Sheet 215
T-1, T-1¾ and SMT Bright White LEDs
Luminous Intensity Viewing
Forward Voltage
Reverse
Chromaticity
Line
Part
at 20mA
Angle
at 20mA
Current
Coordinates
No.
No.
Size
Lens
Minimum
Typical
2
θθθθθ½
Typical Maximum
(V
R=5.0V)
X Typ. Y Typ. Drawing
1
E1007
T-1
Clear
50mcd
180mcd
50°
3.8V
4.5V
10µA
0.31
0.32
A
2
E1006
T-1¾
Clear
80mcd
200mcd
30°
3.8V
4.5V
10µA
0.31
0.32
B
3
E1008
SMT
Clear
90mcd
150mcd 120°
3.5V
4.0V
10µA
0.31
0.32
C
• WHITE
• WHITE
A
• WHITE
1M A X
1
.5
1.5
CATHODE
27 MIN
8 .6
2.54
5
5.9
0.7MAX
B
.5
1
2.54
1.5
CATHODE
27 MIN
0.7MAX
4.6+/-0.3
2.8
1MAX
3.2
3.5+/-.2
3.2+/-.2
2.8+/-.2
0.65 0.8
1.9+/-.2
0.1
nominal
0.15
0.8+/-.3
2.4
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com