Electronic Components Datasheet Search
  English  ▼

X  

E113 Datasheet(PDF) 17 Page - Gilway Technical Lamp

Part # E113
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E113 Datasheet(HTML) 17 Page - Gilway Technical Lamp

Back Button E113 Datasheet HTML 9Page - Gilway Technical Lamp E113 Datasheet HTML 10Page - Gilway Technical Lamp E113 Datasheet HTML 11Page - Gilway Technical Lamp E113 Datasheet HTML 12Page - Gilway Technical Lamp E113 Datasheet HTML 13Page - Gilway Technical Lamp E113 Datasheet HTML 14Page - Gilway Technical Lamp E113 Datasheet HTML 15Page - Gilway Technical Lamp E113 Datasheet HTML 16Page - Gilway Technical Lamp E113 Datasheet HTML 17Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1¾ Fresnel LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E276
Diffused
30.0mcd
50.0mcd
70°
1.85V
2.5V
660nm
A
2
E277
Diffused
3.2mcd
5.0mcd
70°
2.1V
2.5V
590nm
A
3
E278
Diffused
3.2mcd
5.0mcd
70°
2.2V
2.5V
565nm
A
• RED
• GREEN
• YELLOW
A
C
B
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 10mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
4
E270
Diffused
25.0mcd
60.0mcd
70°
1.85V
2.5V
660nm
B
5
E271
Diffused
3.2mcd
12.5mcd
70°
2.0V
2.5V
625nm
B
6
E272
Diffused
3.2mcd
12.5mcd
70°
2.0V
2.6V
610nm
B
7
E273
Diffused
1.3mcd
8.0mcd
70°
2.1V
2.5V
590nm
B
8
E274
Diffused
5.0mcd
20.0mcd
80°
2.2V
2.5V
565nm
B
• RED
• RED
• YELLOW
• GREEN
• ORANGE
T-1¾ Flat Top LEDs
T-1¾, Right Angle Leads, LEDs (5mm)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 10mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
9
E241
Diffused
12.5mcd
32.0mcd
60°
2.0V
2.5V
625nm
C
10
E242
Diffused
12.5mcd
32.0mcd
60°
2.0V
2.6V
610nm
C
11
E244
Diffused
5.0mcd
20.0mcd
60°
2.1V
2.5V
590nm
C
12
E246
Diffused
5.0mcd
20.0mcd
60°
2.2V
2.5V
565nm
C
• RED
• ORANGE
• GREEN
• YELLOW
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com