Electronic Components Datasheet Search
  English  ▼

X  

E113 Datasheet(PDF) 14 Page - Gilway Technical Lamp

Part # E113
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E113 Datasheet(HTML) 14 Page - Gilway Technical Lamp

Back Button E113 Datasheet HTML 9Page - Gilway Technical Lamp E113 Datasheet HTML 10Page - Gilway Technical Lamp E113 Datasheet HTML 11Page - Gilway Technical Lamp E113 Datasheet HTML 12Page - Gilway Technical Lamp E113 Datasheet HTML 13Page - Gilway Technical Lamp E113 Datasheet HTML 14Page - Gilway Technical Lamp E113 Datasheet HTML 15Page - Gilway Technical Lamp E113 Datasheet HTML 16Page - Gilway Technical Lamp E113 Datasheet HTML 17Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
AB
T-1 and T-1¾, Infrared LEDs: 880nm, 940nm
Radiant Power
Vewing
Forward Voltage
Peak
Line Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum
Typical
2
θθθθθ½
Typical
Maximum
at 20mA
Drawing
1
E21
T-1
Clear
2.0mW/sr
10.0mW/sr
30°
1.2V
1.5V
940nm
A
2
E22
T-1
Trans.Blue
2.0mW/sr
4.0mW/sr
30°
1.4V
1.7V
880nm
A
3
E23
T-1¾
Clear
8.0mW/sr
20.0mW/sr
30°
1.2V
1.5V
940nm
B
4
E24
T-1¾
Trans.Blue
5.0mW/sr
20.0mW/sr
30°
1.4V
1.7V
880nm
B
INFRARED
INFRARED
INFRARED
INFRARED
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2. 54
5
5.9
C
T-1¾ LEDs with Resistor - 5V
Luminous Intensity Viewing
Current Range
Peak
Line
Part
Voltage Range
at 5VDC
Angle
at 5VDC
Wave Length
No.
No.
Lens
Minimum Maximum
Minimum Maximum
2
θθθθθ½
Minimum
Maxiumum
at 5VDC
Drawing
5
E304-5V
Diffused
4.0VDC
6.0VDC
100mcd
300mcd
60°
8mA
15.5mA
660nm
C
6
E148-5V
Diffused
4.0VDC
6.0VDC
5mcd
30mcd
60°
8mA
15.5mA
625nm
C
7
E149-5V
Diffused
4.0VDC
6.0VDC
5mcd
20mcd
60°
8mA
15.5mA
590nm
C
8
E151-5V
Clear
4.0VDC
6.0VDC
20mcd
150mcd
30°
8mA
15.5mA
565nm
C
9
E150-5V
Diffused
4.0VDC
6.0VDC
5mcd
20mcd
60°
8mA
15.5mA
565nm
C
• RED
• YELLOW
• GREEN
• RED
• GREEN
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
• YELLOW
T-1¾ LEDs with Resistor - 12V
Luminous Intensity Viewing
Current Range
Peak
Line
Part
Voltage Range
at 12VDC
Angle
at 12VDC
Wave Length
No.
No.
Lens
Minimum Maximum
Minimum Maximum
2
θθθθθ½
Minimum
Maximum
at 12VDC Drawing
10
E304-12V
Diffused
9.5VDC
13.0VDC
100mcd
300mcd
60°
8mA
15.5mA
660nm
D
11
E149-12V
Diffused
9.5VDC
13.0VDC
5mcd
15mcd
60°
8mA
15.5mA
590nm
D
12
E151-12V
Diffused
9.5VDC
13.0VDC
12mcd
20mcd
60°
8mA
15.5mA
565nm
D
• RED
• GREEN
D
1MAX
1
.5
1.5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com