Electronic Components Datasheet Search
  English  ▼

X  

E113 Datasheet(PDF) 3 Page - Gilway Technical Lamp

Part # E113
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E113 Datasheet(HTML) 3 Page - Gilway Technical Lamp

  E113 Datasheet HTML 1Page - Gilway Technical Lamp E113 Datasheet HTML 2Page - Gilway Technical Lamp E113 Datasheet HTML 3Page - Gilway Technical Lamp E113 Datasheet HTML 4Page - Gilway Technical Lamp E113 Datasheet HTML 5Page - Gilway Technical Lamp E113 Datasheet HTML 6Page - Gilway Technical Lamp E113 Datasheet HTML 7Page - Gilway Technical Lamp E113 Datasheet HTML 8Page - Gilway Technical Lamp E113 Datasheet HTML 9Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
A
T-1 Bi-Color LEDs (Three Leads)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Leads
Drawing
1
E219
White
12.5mcd
50mcd
60°
2.0V
2.5V
625nm
1.Red Anode
A
Diffused
12.5mcd
50mcd
60°
2.2V
2.5V
565nm
2.Cathode
3.Green Anode
2
E220
White
12.5mcd
50mcd
60°
2.2V
2.5V
565nm
1.Green Anode
A
Diffused
12.5mcd
50mcd
60°
2.1V
2.5V
590nm
2.Cathode
3.Yellow Anode
3
E293
White
90mcd
300mcd
60°
1.85V
2.5V
660nm
1.Red Cathode
A
Diffused
20mcd
40mcd
60°
2.20V
2.5V
565nm
2.Anode
3.Green Cathode
• RED &
• GREEN
• RED &
• GREEN
B
Mini LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 10mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
4
E260
Translucent
20.0mcd
60.0mcd
130°
1.85V
2.5V
660nm
B
5
E261
Translucent
4.0mcd
7.0mcd
130°
2.0V
2.5V
625nm
B
6
E262
Translucent
3.0mcd
7.0mcd
130°
2.0V
2.6V
610nm
B
7
E263
Translucent
2.0mcd
3.5mcd
130°
2.1V
2.5V
590nm
B
8
E264
Translucent
10.0mcd
16.0mcd
130°
2.2V
2.5V
565nm
B
ULTRA BRIGHT
• RED
• YELLOW
• ORANGE
SUPER BRIGHT
• GREEN
HIGH EFFICIENCY
• RED
C
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 10mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
9
E265
Diffused
40.0mcd
80.0mcd
100°
1.85V
2.5V
660nm
C
10
E266
Diffused
3.2mcd
12.5mcd
100°
2.0V
2.5V
625nm
C
11
E267
Diffused
3.2mcd
12.5mcd
100°
2.0V
2.6V
610nm
C
12
E268
Diffused
1.3mcd
8.0mcd
100°
2.1V
2.5V
590nm
C
13
E269
Diffused
8.0mcd
20.0mcd
100°
2.2V
2.5V
565nm
C
• RED
• RED
• YELLOW
• GREEN
• ORANGE
T-1 Flat Top LEDs
• GREEN &
• YELLOW
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com