Electronic Components Datasheet Search
  English  ▼

X  

E113 Datasheet(PDF) 12 Page - Gilway Technical Lamp

Part # E113
Description  Miniature LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E113 Datasheet(HTML) 12 Page - Gilway Technical Lamp

Back Button E113 Datasheet HTML 8Page - Gilway Technical Lamp E113 Datasheet HTML 9Page - Gilway Technical Lamp E113 Datasheet HTML 10Page - Gilway Technical Lamp E113 Datasheet HTML 11Page - Gilway Technical Lamp E113 Datasheet HTML 12Page - Gilway Technical Lamp E113 Datasheet HTML 13Page - Gilway Technical Lamp E113 Datasheet HTML 14Page - Gilway Technical Lamp E113 Datasheet HTML 15Page - Gilway Technical Lamp E113 Datasheet HTML 16Page - Gilway Technical Lamp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1 and T-1¾, Super Bright, Blue GaN LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E472
T-1
Clear
20.0mcd
90.0mcd
20°
4.5V
5.5V
430nm
A
2
E474
T-1¾
Clear
60.0mcd
150.0mcd
16°
4.5V
5.5V
430nm
B
• BLUE
• BLUE
B
A
T-1 and T-1¾, Mega Bright Blue GaN LEDs
Luminous Intensity
Viewing
Forward Voltage
Reverse
Peak
Line
Part
at 20mA
Angle
at 20mA
Current
Wave Length
No.
No.
Size
Lens
Minimum
Typical
2
θθθθθ½
Typical Maximum
(V
R=5.0V)
at 20mA
Drawing
3
E482
T-1
Clear
500mcd
2000mcd
15°
3.6V
4.0V
50µA
470nm
C
4
E484
T-1¾
Clear
750mcd
3000mcd
15°
3.6V
4.0V
50µA
470nm
D
• BLUE
• BLUE
66
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com