Electronic Components Datasheet Search
  English  ▼

X  

MAX16124 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16124
Description  Dual Pushbutton Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16124 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16124 Datasheet HTML 1Page - Maxim Integrated Products MAX16124 Datasheet HTML 2Page - Maxim Integrated Products MAX16124 Datasheet HTML 3Page - Maxim Integrated Products MAX16124 Datasheet HTML 4Page - Maxim Integrated Products MAX16124 Datasheet HTML 5Page - Maxim Integrated Products MAX16124 Datasheet HTML 6Page - Maxim Integrated Products MAX16124 Datasheet HTML 7Page - Maxim Integrated Products MAX16124 Datasheet HTML 8Page - Maxim Integrated Products MAX16124 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
1
19-6398; Rev 0; 7/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maxim-ic.com/MAX16122.related.
Typical Operating Circuits
Typical Operating Circuits (continued) at end of data sheet.
General Description
The MAX16122–MAX16125 pushbutton controllers with
single-supply monitors monitor one or two pushbut-
tons and generate a hard reset signal if the buttons are
pushed and held for a setup delay. These devices make
it easy to “hide” the hard reset function in an existing
pushbutton, such as a soft power switch. The devices
operate from 1.6V to 5.5V and consume a quiescent cur-
rent of only 5FA at 3V.
The MAX16122–MAX16125 have pin-programmable or
resistor-adjustable setup delay. Connect the SEL pin to
GND, VCC, or leave it unconnected to select the different
setup delays (depending on part suffix, see Table 1a) or
connect an external resistor from SEL to GND to set the
setup delays (E suffix only, see Table 1b).
The MAX16124/MAX16125 have one manual reset input
(MR), a reset output (RESET), and a soft reset output
(SRESET) which mirrors the state of the input. The
MAX16122/MAX16123 have two identical manual reset
inputs (MR1 and MR2) and one reset output (RESET). A
deglitch block is connected to each input to add a delay to
the falling edge with a fixed deglitch period of 20ms (tDB).
The MAX16122–MAX16125 feature a comparator that
monitors the input supply voltage. A variety of factory-
trimmed threshold options accommodate different sup-
ply voltages and tolerances, eliminating external compo-
nents. The factory-set reset thresholds range from 1.58V
to 4.63V to monitor 5V, 3.3V, 2.5V, and 1.8V supplies.
The MAX16122–MAX16125 are offered in a tiny 0.86mm
x 1.27mm, 6-bump WLP package and are specified over
the automotive temperature range (-40NC to +125NC).
Benefits and Features
S
Low Supply Current: < 5µA (typ) at 3V Over
Temperature
S
Precision Factory-Set VCC Monitoring Threshold
for 1.8V, 2.5V, 3.3V, and 5V Supplies
S
Fixed/Pin-Programmable or Resistor-Adjustable
Pushbutton Setup Delay
S
Up to 2 Reset Outputs and 2 Debounced
Pushbutton Inputs
S
Guaranteed RESET Valid for VCC Down to 0.95V
S
Active-Low RESET Output (Push-Pull or Open-
Drain)
S
Immune to Short Power-Supply Transients
S
0.86mm x 1.27mm 6-Bump WLP Package
S
-40NC to +125NC Operating Temperature Range
Applications
Smartphones
Tablet PCs
eBook Readers
Portable/Battery-Powered Equipment
Glucose Monitors/Patient Monitors
Portable Instrumentation
Automotive Infotainment
VCC
SRESET
RESET
RESET
INPUT
I/0
MR
GND
GND
VCC
MAX16124
MAX16125
µP
0.1µF
1.6V TO 5.5V
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX16124

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16124WT MAXIM-MAX16124WT Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
More results

Similar Description - MAX16124

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F764-1 PHILIPS-74F764-1 Datasheet
40Kb / 3P
DRAM dual-ported controllers
1992 Aug 10
logo
Dallas Semiconductor
DS1834 DALLAS-DS1834 Datasheet
106Kb / 7P
Dual EconoReset with Pushbutton
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
Dual Hot Swap Controllers
logo
Fairchild Semiconductor
FAN9611 FAIRCHILD-FAN9611 Datasheet
1Mb / 35P
Interleaved Dual BCM PFC Controllers
logo
Analog Devices
ADM1051A AD-ADM1051A_15 Datasheet
182Kb / 10P
Precision Dual Voltage Regulator Controllers
REV. 0
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
Dual Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX16122 MAXIM-MAX16122 Datasheet
845Kb / 16P
Dual Pushbutton Controllers in Tiny 6-Bump WLP Package
Rev 2; 4/16
DS1834 MAXIM-DS1834 Datasheet
112Kb / 7P
Dual EconoReset with Pushbutton
071700
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com