Electronic Components Datasheet Search
  English  ▼

X  

MAX16124 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16124
Description  Dual Pushbutton Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16124 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16124 Datasheet HTML 7Page - Maxim Integrated Products MAX16124 Datasheet HTML 8Page - Maxim Integrated Products MAX16124 Datasheet HTML 9Page - Maxim Integrated Products MAX16124 Datasheet HTML 10Page - Maxim Integrated Products MAX16124 Datasheet HTML 11Page - Maxim Integrated Products MAX16124 Datasheet HTML 12Page - Maxim Integrated Products MAX16124 Datasheet HTML 13Page - Maxim Integrated Products MAX16124 Datasheet HTML 14Page - Maxim Integrated Products MAX16124 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
Typical Operating Circuits (continued)
RSEL
SEL
GND
MAX16122
MAX16123
MR1
MR2
RESET
RESET
INPUT
VCC
0.1µF
HOME
PWR
VOL
UP
VOL
DN
I/0
VCC
µP
I/0
I/0
I/0
1.6V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com