Electronic Components Datasheet Search
  English  ▼

X  

MAX16124 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16124
Description  Dual Pushbutton Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16124 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16124 Datasheet HTML 1Page - Maxim Integrated Products MAX16124 Datasheet HTML 2Page - Maxim Integrated Products MAX16124 Datasheet HTML 3Page - Maxim Integrated Products MAX16124 Datasheet HTML 4Page - Maxim Integrated Products MAX16124 Datasheet HTML 5Page - Maxim Integrated Products MAX16124 Datasheet HTML 6Page - Maxim Integrated Products MAX16124 Datasheet HTML 7Page - Maxim Integrated Products MAX16124 Datasheet HTML 8Page - Maxim Integrated Products MAX16124 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
(All pins referenced to GND)
VCC..........................................................................-0.3V to +6V
RESET, SRESET to GND
Open-Drain..............................................................-0.3V to +6V
Push-Pull................................................... -0.3V to (VCC + 0.3V)
MR, MR1, MR2 ........................................................-0.3V to +6V
SEL ..........................................................................-0.3V to +6V
Input/Output Current (all pins) ...........................................20mA
Continuous Power Dissipation (TA = +70NC) (Multilayer Board)
WLP (derate 10.5mW/NC above +70NC) ......................840mW
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................-65NC to +150oC
Soldering Temperature (reflow) ......................................+260NC
WLP
Junction-to-Ambient Thermal Resistance (
qJA) ..........95°C/W
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VCC = 1.6V to 5.5V, TA = -40NC to +125NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
RESET state guaranteed for VCC R 0.95V
1.6
5.5
V
VCC Undervoltage Lockout
VCCUVLO
1.25
1.55
V
VCC Supply Current
ICC
VCC = 5V, steady-state condition; MR, MR1,
MR2, RESET, and SRESET not asserted
8
10
F
A
Supply Current with Oscillator
Running
ICC2
VCC = 3V
5
10
F
A
VCC Reset Threshold
VTH
VCC falling
-2.5%
VTH
+2.5%
V
VCC Reset Threshold Hysteresis
VHYST
2
%
Reset Threshold Tempco
30
ppm/oC
VCC to RESET Output Delay
tD
VCC falling at 10mV/Fs from (VTH + 100mV)
to (VTH - 100mV)
10
F
s
Reset Timeout Period
tRP
See Table 2
-10
tRP
+10
%
Manual Reset Setup Delay
tSU
Internal timing (see Tables 1a, 1b, 1c)
-10
tSU
+10
%
Debounce Period
tDB
18
20
22
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com