Electronic Components Datasheet Search
  English  ▼

X  

MAX16124 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX16124
Description  Dual Pushbutton Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16124 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX16124 Datasheet HTML 8Page - Maxim Integrated Products MAX16124 Datasheet HTML 9Page - Maxim Integrated Products MAX16124 Datasheet HTML 10Page - Maxim Integrated Products MAX16124 Datasheet HTML 11Page - Maxim Integrated Products MAX16124 Datasheet HTML 12Page - Maxim Integrated Products MAX16124 Datasheet HTML 13Page - Maxim Integrated Products MAX16124 Datasheet HTML 14Page - Maxim Integrated Products MAX16124 Datasheet HTML 15Page - Maxim Integrated Products MAX16124 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
Table 2. Reset Timeouts (tRP)
Table 3. VCC Reset Threshold Voltage (VTH)
Table 1a. SEL Pin Connection Setup
Delays (tSU)
Table 1b. Resistor-Adjusted Setup Delays
(tSU)
PART
SUFFIX
SETUP DELAYS (s)
SEL = GND
SEL =
UNCONNECTED
SEL = VCC
A
0.5
1
2
B
3
4
5
C
6
8
10
D
13
15
17
E
See Table 1b
RESISTOR (kI)
SETUP DELAYS (s)
10
0.5
18
0.9
22
1.1
27
1.35
39
1.95
47
2.35
56
2.8
82
4.1
100
5
180
9
220
11
PART SUFFIX
MINIMUM RESET TIMEOUT (ms)
A
0.9
B
1.8
C
3.6
D
7.2
E
14.4
F
28.8
G
57.6
H
86.4
I
115.2
J
172.8
K
230.4
L
259.2
M
345.6
N
460.8
O
691.2
P
921.6
Q
1843.2
R
3686.4
S
7372.8
SUFFIX
VCC RESET THRESHOLD
VOLTAGE (V) (typ)
00
No Monitoring
16
1.58
17
1.67
22
2.19
23
2.32
29
2.93
31
3.08
44
4.38
46
4.63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com