Electronic Components Datasheet Search
  English  ▼

X  

MAX16124 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16124
Description  Dual Pushbutton Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16124 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16124 Datasheet HTML 1Page - Maxim Integrated Products MAX16124 Datasheet HTML 2Page - Maxim Integrated Products MAX16124 Datasheet HTML 3Page - Maxim Integrated Products MAX16124 Datasheet HTML 4Page - Maxim Integrated Products MAX16124 Datasheet HTML 5Page - Maxim Integrated Products MAX16124 Datasheet HTML 6Page - Maxim Integrated Products MAX16124 Datasheet HTML 7Page - Maxim Integrated Products MAX16124 Datasheet HTML 8Page - Maxim Integrated Products MAX16124 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Typical Operating Characteristics (continued)
(VCC = 5V, MAX16125WTDB29+, TA = +25°C, unless otherwise noted.)
MAX16122–MAX16125
Dual Pushbutton Controllers in
Tiny 6-Bump WLP Package
VCC TO RESET OUTPUT DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
2
4
6
8
10
0
-40
125
RESET OUTPUT-LOW VOLTAGE
vs. SINK CURRENT
SINK CURRENT (mA)
4.5
4.0
0.5 1.0 1.5
2.5 3.0
2.0
3.5
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
0
5.0
VCC = 2.9V
VCC = 2.5V
VCC = 1.5V
PUSHBUTTON TIMING
MAX16122 toc08
tSU = 13.03µs
2s/div
MR1
2V/div
MAX16125WTDB29+
SRESET
2V/div
RESET
2V/div
VCC TO RESET DELAY
MAX16122 toc09
4µs/div
VTH + 100mV
100mV/div
RESET
2V/div
tSU vs. RSEL
SEL RESISTANCE TO GND (kI)
460
410
310 360
110 160 210 260
60
2
4
6
8
10
12
14
16
18
20
22
24
0
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com