Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 15 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27721 Datasheet(HTML) 15 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD27721 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
14
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
System State Machine Timing
The system state machine shown in Figure 5 provides an overview of the states and state transitions that
provide system control of the device. This section highlights the programmable features, which affect the state
machine cycle time, and provides details to determine system level timing.
When the proximity detection feature is enabled (PEN), the state machine transitions through the Prox Init, Prox
Accum, Prox Wait, and Prox ADC states. The Prox Init and Prox Wait times are a fixed 2.73 ms, whereas the
Prox Accum time is determined by the number of proximity LED pulses (PPULSE) and the Prox ADC time is
determined by the integration time (PTIME). The formulas to determine the Prox Accum and Prox ADC times
are given in the associated boxes in Figure 10. If an interrupt is generated as a result of the proximity cycle, it
will be asserted at the end of the Prox ADC state and transition to the Sleep state if SAI is enabled.
When the power management feature is enabled (WEN), the state machine will transition in turn to the Wait
state. The wait time is determined by WLONG, which extends normal operation by 12
× when asserted, and
WTIME. The formula to determine the wait time is given in the box associated with the Wait state in Figure 9.
When the ALS feature is enabled (AEN), the state machine will transition through the ALS Init and ALS ADC
states. The ALS Init state takes 2.73 ms, while the ALS ADC time is dependent on the integration time (ATIME).
The formula to determine ALS ADC time is given in the associated box in Figure 9. If an interrupt is generated
as a result of the ALS cycle, it will be asserted at the end of the ALS ADC state and transition to the Sleep state
if SAI is enabled.
Prox
Wait
Sleep
Idle
Wait
Prox
Init
Prox
Accum
ALS
ADC
ALS
Init
ALS
Prox
ADC
Prox
Time: 2.73 ms
PPULSE: 0 ~ 255 pulses
Time: 16.0
μs/pulse
Range: 0 ~ 4.1 ms
Time: 2.73 ms
PTIME: 1 ~ 256 steps
Time: 2.73 ms/step
Range: 2.73 ms ~ 699 ms
WTIME: 1 ~ 256 steps
WLONG = 0
WLONG = 1
Time:
2.73 ms/step
32.8 ms/step
Range:
2.73 ms ~ 699 ms
32.8 ms ~ 8.39s
Time: 2.73 ms
ATIME: 1 ~ 256 steps
Time: 2.73 ms/step
Range: 2.73 ms ~ 699 ms
INT & SAI
!WEN &
!AEN
AEN
!PON
I2C Start
WEN
!AEN
!PEN & WEN
& AEN
!WEN &
AEN
Note: PON, PEN, WEN, AEN, and SAI are fields in the Enable register (0x00).
!PEN & !WEN
& AEN
PEN
INT & SAI
Figure 11. Detailed State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com