Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27721 Datasheet(HTML) 18 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD27721 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E− DECEMBER 2012
17
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Register Set
The device is controlled and monitored by data registers and a command register accessed through the serial
interface. These registers provide for a variety of control functions and can be read to determine results of the
ADC conversions. The register set is summarized in Table 1.
Table 3. Register Address
ADDRESS
RESISTER NAME
R/W
REGISTER FUNCTION
RESET VALUE
−−
COMMAND
W
Specifies register address
0x00
0x00
ENABLE
R/W
Enables states and interrupts
0x00
0x01
ATIME
R/W
ALS time
0xFF
0x02
PTIME
R/W
Proximity time
0xFF
0x03
WTIME
R/W
Wait time
0xFF
0x04
AILTL
R/W
ALS interrupt low threshold low byte
0x00
0x05
AILTH
R/W
ALS interrupt low threshold high byte
0x00
0x06
AIHTL
R/W
ALS interrupt high threshold low byte
0x00
0x07
AIHTH
R/W
ALS interrupt high threshold high byte
0x00
0x08
PILTL
R/W
Proximity interrupt low threshold low byte
0x00
0x09
PILTH
R/W
Proximity interrupt low threshold high byte
0x00
0x0A
PIHTL
R/W
Proximity interrupt high threshold low byte
0x00
0x0B
PIHTH
R/W
Proximity interrupt high threshold high byte
0x00
0x0C
PERS
R/W
Interrupt persistence filters
0x00
0x0D
CONFIG
R/W
Configuration
0x00
0x0E
PPULSE
R/W
Proximity pulse count
0x00
0x0F
CONTROL
R/W
Control register
0x00
0x11
REVISION
R
Die revision number
Rev Num.
0x12
ID
R
Device ID
ID
0x13
STATUS
R
Device status
0x00
0x14
C0DATA
R
CH0 ADC low data register
0x00
0x15
C0DATAH
R
CH0 ADC high data register
0x00
0x16
C1DATA
R
CH1 ADC low data register
0x00
0x17
C1DATAH
R
CH1 ADC high data register
0x00
0x18
PDATAL
R
Proximity ADC low data register
0x00
0x19
PDATAH
R
Proximity ADC high data register
0x00
0x1E
POFFSET
R/W
Proximity offset register
0x00
The mechanics of accessing a specific register depends on the specific protocol used. See the section on I2C
protocols on the previous pages. In general, the COMMAND register is written first to specify the specific
control/status register for following read/write operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com