Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 23 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27721 Datasheet(HTML) 23 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD27721 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
22
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Persistence Filter Register (0x0C)
The persistence filter register controls the interrupt capabilities of the device. Configurable filtering is provided
to allow interrupts to be generated after every ADC cycle or if the ADC cycle has produced a result that is outside
of the values specified by threshold register for some specified amount of time. Separate filtering is provided
for proximity and ALS functions. ALS interrupts are generated using C0DATA.
Table 11. Persistence Filter Register
6
75
4
APERS
2
31
0
PERS
PPERS
Reset
0x00
FIELD
BITS
DESCRIPTION
PPERS
7:4
Proximity interrupt persistence filter. Controls rate of proximity interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
−−−
Every proximity cycle generates an interrupt
0001
1
1 proximity value out of range
0010
2
2 consecutive proximity values out of range
...
...
...
1111
15
15 consecutive proximity values out of range
APERS
3:0
ALS Interrupt persistence filter. Controls rate of ALS interrupt to the host processor.
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
Every
Every ALS cycle generates an interrupt
0001
1
1 value outside of threshold range
0010
2
2 consecutive values out of range
0011
3
3 consecutive values out of range
0100
5
5 consecutive values out of range
0101
10
10 consecutive values out of range
0110
15
15 consecutive values out of range
0111
20
20 consecutive values out of range
1000
25
25 consecutive values out of range
1001
30
30 consecutive values out of range
1010
35
35 consecutive values out of range
1011
40
40 consecutive values out of range
1100
45
45 consecutive values out of range
1101
50
50 consecutive values out of range
1110
55
55 consecutive values out of range
1111
60
60 consecutive values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com