Electronic Components Datasheet Search
  English  ▼

X  

TMD27721 Datasheet(PDF) 28 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TMD27721
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TMD27721 Datasheet(HTML) 28 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TMD27721 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 31Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TMD27721 Datasheet HTML 32Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
TMD2772
DIGITAL ALS
and PROXIMITY MODULE
TAOS147
E − DECEMBER 2012
27
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
APPLICATION INFORMATION: HARDWARE
LED Driver Pin with Proximity Detection
In a proximity sensing system, the included IR LED can be pulsed with more than 100 mA of rapidly switching
current, therefore, a few design considerations must be kept in mind to get the best performance. The key goal
is to reduce the power supply noise coupled back into the device during the LED pulses. Averaging of multiple
proximity samples is recommended to reduce the proximity noise.
The first recommendation is to use two power supplies; one for the device VDD and the other for the IR LED.
In many systems, there is a quiet analog supply and a noisy digital supply. By connecting the quiet supply to
the VDD pin and the noisy supply to the LEDA pin, the key goal can be met. Place a 1-μF low-ESR decoupling
capacitor as close as possible to the VDD pin and another at the LEDA pin, and at least 10-μF of bulk capacitance
to supply the 100-mA current surge. This may be distributed as two 4.7
μF capacitors.
TMD2772
INT
SDA
SCL
VDD
LEDA
1
mF
Voltage
Regulator
Voltage
Regulator
. 10 mF
* Cap Value Per Regulator Manufacturer Recommendation
GND
VBUS
RP
RP
RPI
C*
1
mF
LDR
LEDK
Figure 13. Proximity Sensing Using Separate Power Supplies
If it is not possible to provide two separate power supplies, the device can be operated from a single supply.
A 22-
Ω resistor in series with the VDD supply line and a 1-μF low ESR capacitor effectively filter any power supply
noise. The previous capacitor placement considerations apply.
1
mF
Voltage
Regulator
. 10 mF
1
mF
22
W
TMD2772
INT
SDA
SCL
VDD
LEDA
GND
VBUS
RP
RP
RPI
LDR
LEDK
Figure 14. Proximity Sensing Using Single Power Supply
VBUS in the above figures refers to the I2C bus voltage which is either VDD or 1.8 V. Be sure to apply the specified
I2C bus voltage shown in the Available Options table for the specific device being used.
The I2C signals and the Interrupt are open-drain outputs and require pull−up resistors. The pull-up resistor (RP)
value is a function of the I2C bus speed, the I2C bus voltage, and the capacitive load. The TAOS EVM running
at 400 kbps, uses 1.5-k
Ω resistors. A 10-kΩ pull-up resistor (RPI) can be used for the interrupt line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com