Electronic Components Datasheet Search
  English  ▼

X  

BCD210SC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BCD210SC
Description  Bluetooth-serial Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCD210SC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BCD210SC Datasheet HTML 7Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 9Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 10Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
PARANI-BCD210
Page 11 of 25
2. 전기적 특성
2.1 절대적 한계치
Ratings
Min
Max
Unit
Storage Temperature
-40
+85
°C
Operating Temperature
-40
+85
°C
Supply voltage
+3V3
-0.4
3.6
V
Other terminal voltages
GND - 0.4
VCC + 0.4
V
2.2 권장 동작 범위
Ratings
Min
Typ
Max
Unit
Operating Temperature
-40
25
+85
°C
Supply voltage
+3V3
2.7
3.3
3.6
V
UART
3.0
3.3
3.6
V
USB
3.1
3.3
3.6
V
Supply current
+3V3
60
80
100
mA
2.3 전력 소모
Operation Mode
Connection
Type
UART Rate
(Kbps)
Current
(Average)
Unit
Power on (Standby)
-
115.2
1.4
mA
Inpuiry Scan
-
115.2
42
mA
Connected (No data)
Slave
115.2
21
mA
Connected (File transfer)
Slave
115.2
29
mA
Connected (No data)
Master
115.2
5
mA
Connected (File transfer)
Master
115.2
28
mA
Sniff Mode
Master
115.2
1.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com