Electronic Components Datasheet Search
  English  ▼

X  

BCD210SC Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # BCD210SC
Description  Bluetooth-serial Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCD210SC Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button BCD210SC Datasheet HTML 8Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 9Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 10Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PARANI-BCD210
Page 12 of 25
3. RF 특성
3.1 Basic Data Rate
3.1.1 송신부 성능
RF Characteristics
VCC = 3.3V, 25°C
Min
Typ
Max
Bluetooth
Specification
Unit
Output power
0
2
4
≤ 20
dBm
Power Density
0
2
4
≤ 20
dBm
Power Control
3
4
6
2 ≤ step ≤ 8
dB
TX Output Spectrum-Frequency range 2402
-
2480
2400 ~2483.5
MHz
TX Output Spectrum-20dB Bandwidth
-
900
-
≤ 1000
kHz
Adjacent
Channel Power
F = F0 ± 2MHz
-
-
-20
≤ -20
dBm
F = F0 ± 3MHz
-
-
-40
≤ -40
dBm
F = F0 ± > 3MHz
-
-
-40
≤ -40
dBm
Modulation
Characteristics
Δf1avg
140
165
175
140 ≤ Δf1avg ≤ 175
kHz
Δf2avg
115
155
-
Δf2avg ≥ 115
kHz
Δf2avg/Δf1avg
0.80
0.95
-
(Δf1avg/Δf2avg) ≥ 0.8
-
Initial Carrier Frequency Tolerance
-20
-
20
≤ ±75
kHz
Carrier
Frequency Drift
Drift rate
-20
-
20
≤ ±20
kHz/50µs
1 slot Freq Drift
-25
-
25
≤ ±25
kHz
5 slot Freq Drift
-40
-
40
≤ ±40
kHz
3.1.2 송신부
RF Characteristics
VCC = 3.3V, 25°C
Min
Typ
Max
Bluetooth
Specification
Unit
Out of band
Spurious
Emissions
0.030-1.000GHz
-36
-
-
≤ -36
dBm
1.000-12.75GHz
-30
-
-
≤ -30
dBm
1.800-5.100GHz
-47
-
-
≤ -47
dBm
5.100-5.300GHz
-47
-
-
≤ -47
dBm
3.1.3 수신부 성능
RF Characteristics
VCC = 3.3V, 25°C
Min
Typ
Max
Bluetooth
Specification
Unit
Sensitivity - Single slot packets (0.1%)
-
-84
-70
≤ -70
dBm
Sensitivity - Multi slot packets (0.1%)
-
-84
-70
≤ -70
dBm
C/I performance
at 0.1% BER
co-channel
-
-
-11
≤ -11
dB
F = F0 + 1MHz
-
-
0
≤ 0
kHz
F = F0 – 1MHz
-
-
0
≤ 0
dB
F = F0 + 2MHz
-
-
-20
≤ -20
dB
F = F0 – 2MHz
-
-
-30
≤ -30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com