Electronic Components Datasheet Search
  English  ▼

X  

BCD210SC Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # BCD210SC
Description  Bluetooth-serial Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BCD210SC Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button BCD210SC Datasheet HTML 10Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 11Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 12Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 13Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 14Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 15Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 16Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 17Page - List of Unclassifed Manufacturers BCD210SC Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
PARANI-BCD210
Page 14 of 25
3.2.2 수신부 성능
RF Characteristics
VCC = 3.3V, 25°C
Min
Typ
Max
Bluetooth
Specification
Unit
Sensitivity
at 0.01% BER
π/4 DQPSK
-
-84
-70
≤ -70
dBm
8DPSK
-
-78
-70
≤ -70
dBm
BER floor performance
-
-
-60
≤ -60
dBm
C/I Performance
(co-channel at 0.1% BER)
π/4 DQPSK
-
-
13
≤ +13
dB
8DPSK
-
-
21
≤ +21
dB
C/I
Performance
(Adjacent
Channel
Selectivity)
F = F0 + 1MHz
π/4 DQPSK
-
-
0
≤ 0
dB
8DPSK
-
-
5
≤ +5
dB
F = F0 – 1MHz
π/4 DQPSK
-
-
0
≤ 0
dB
8DPSK
-
-
5
≤ +5
dB
F = F0 + 2MHz
π/4 DQPSK
-
-
-30
≤ -30
dB
8DPSK
-
-
-25
≤ -25
dB
F = F0 – 2MHz
π/4 DQPSK
-
-
-20
≤ -20
dB
8DPSK
-
-
-13
≤ -13
dB
F ≥ F0 + 3MHz
π/4 DQPSK
-
-
-40
≤ -40
dB
8DPSK
-
-
-33
≤ -33
dB
F ≤ F0 – 5MHz
π/4 DQPSK
-
-
-40
≤ -40
dB
8DPSK
-
-
-33
≤ -33
dB
F = FImage
π/4 DQPSK
-
-
-7
≤ -7
dB
8DPSK
-
-
0
≤ 0
dB
Maximum input level
at 0.1% BER
π/4 DQPSK
-20
-
-
≥ -20
dBm
8DPSK
-20
-
-
≥ -20
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com