Electronic Components Datasheet Search
  English  ▼

X  

P7520 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P7520
Description  TriMode Probe Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P7520 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P7520 Datasheet HTML 1Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 2Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 3Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 4Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 5Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 6Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 7Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TriMode™ Probe Family — P7500 Series
Connectivity Plus – Solder Down – Handheld
–Fixtured
The P7500 Series TriMode probe architecture offers various levels of
connectivity and provides the highest probe fidelity available for real-time
oscilloscopes. The multipoint connectivity solutions of the P7500 Series
include:
TriMode Performance Solder Tip The highest-performance solder tip.
Up to 25 GHz bandwidth.
TriMode Long-reach Solder Tip A high performance solder tip with
along reach and very small, low-profile form factor. Up to 20 GHz
bandwidth.
TriMode Resistor Solder Tip High-performance solder tip with
easy-to-solder tip resistors. Up to 18 GHz bandwidth.
TriMode Extended-resistor Solder Tip Medium-performance solder tip
with long easy-to-solder tip resistors. Up to 7 GHz bandwidth.
www.tektronix.com 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com