Electronic Components Datasheet Search
  English  ▼

X  

P7520 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # P7520
Description  TriMode Probe Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P7520 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  P7520 Datasheet HTML 1Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 2Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 3Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 4Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 5Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 6Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 7Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TriMode™ Probe Family — P7500 Series
Signal Fidelity
You can be confident in the signal fidelity of your measurements. The
innovative new Tektronix differential architecture, coupled with the superior
electrical performance of IBM SiGe Technology, provides the bandwidth and
fidelity to meet the industry needs of today as well as tomorrow.
The P7500 Series Probe Architecture provides:
Highest bandwidth available – 25 GHz
Excellent step response
Low-DUT loading
High CMRR
Differential, single ended, or common mode measurements using one
probe
Performance You Can Count On
Depend on Tektronix to provide you with performance you can count on. In
addition to industry-leading service and support, this product comes backed
by a one-year warranty as standard.
Characteristics
P7500 with P75PDPM
TriMode Probe
Architecture
P7520A
P7516
P7513A
P7508
P7506
P7504
Bandwidth (Typical,
Probe Only)
>20 GHz, A-B mode
>18 GHz, P75PDM,
other modes
>16 GHz
>13 GHz
>8 GHz
>6 GHz
>4 GHz
Rise Time (10-90%)
(Typical, Probe Only)
<27 ps, A-B mode
<29 ps, other modes
<32 ps
<40 ps
<55 ps
<75 ps
<105 ps
Rise Time (20-80%)
(Typical, Probe Only)
<18 ps, A-B mode
<20 ps, other modes
<24 ps
<28 ps
<35 ps
<50 ps
<70 ps
Attenuation
(User Selectable)
5X or 12.5X
5X or 12.5X
5X or 12.5X
5X or 12.5X
5X or 12.5X
5X or 12.5X
Differential Input Range
±0.625 V (5X)
±1.6 V (12.5X)
±0.75 V (5X)
±1.75 V (12.5X)
±0.75 V (5X)
±1.75 V (12.5X)
±0.75 V (5X)
±1.75 V (12.5X)
±0.75 V (5X)
±1.75 V (12.5X)
±0.75 V (5X)
±1.75 V (12.5X)
Operating Voltage
Window
+3.7 to –2.0 V
+4.0 to –2.0 V
+4.0 to –2.0 V
+4.0 to –2.0 V
+4.0 to –2.0 V
+4.0 to –2.0 V
Offset Voltage Range
+2.5 to –1.5 V,
A-B mode
+3.4 to –1.8 V,
other modes
+2.5 to –1.5 V,
A-B mode
+3.4 to –1.8 V,
other modes
+2.5 to –1.5 V,
A-B mode
+3.4 to –1.8 V,
other modes
+2.5 to –1.5 V,
A-B mode
+3.4 to –1.8 V,
other modes
+2.5 to –1.5 V,
A-B mode
+3.4 to –1.8 V,
other modes
+2.5 to –1.5 V,
A-B mode
+3.4 to –1.8 V,
other modes
DC Input Resistance
(Differential)
100k ohms
100k ohms
100k ohms
100k ohms
100k ohms
100k ohms
Noise
<33 nV / √Hz (5X)
<48 nV / √Hz (12.5X)
<33 nV / √Hz (5X)
<48 nV / √Hz (12.5X)
<33 nV / √Hz (5X)
<48 nV / √Hz (12.5X)
<33 nV / √Hz (5X)
<48 nV / √Hz (12.5X)
<33 nV / √Hz (5X)
<48 nV / √Hz (12.5X)
<33 nV / √Hz (5X)
<48 nV / √Hz (12.5X)
CMRR
(Differential Mode)
>60 dB at DC
>40dB at50MHz
>30 dB at 1 GHz
>20dBat10GHz
>12dBat20GHz
>60 dB at DC
>40dBat 50MHz
>30 dBto1GHz
>20 dBto8GHz
>15 dB to16GHz
>60 dB at DC
>40 dB at 50 MHz
>30 dB to 1 GHz
>20 dB to 7 GHz
>15dBto13GHz
>60 dB at DC
>40dBat 50MHz
>30 dB at 1 GHz
>25 dB at 4 GHz
>20 dB at 8 GHz
>60 dB at DC
>40 dB at 50 MHz
>30 dB at 1 GHz
>25 dB at 3 GHz
>20 dB at 6 GHz
>60 dB at DC
>40dBat 50MHz
>30 dB at 1 GHz
>28 dB at 2 GHz
>25 dB at 4 GHz
Nondestructive Input
Range
±15 V
±15V
±15 V
±15V
±15V
±15V
Interface
TekConnect™
TekConnect™
TekConnect™
TekConnect™
TekConnect™
TekConnect™
Cable Length
1 meter
1 meter
1.3 meters
1.3 meters
1.3 meters
1.3 meters
For additional characteristics, refer to the individual probe Technical Reference Manuals.
www.tektronix.com 5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com