Electronic Components Datasheet Search
  English  ▼

X  

P7520 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # P7520
Description  TriMode Probe Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P7520 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  P7520 Datasheet HTML 1Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 2Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 3Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 4Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 5Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 6Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 7Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Datasheet
TriMode Micro-coax Tip Low-cost, quick-connect solder tips. Up to
4 GHz bandwidth.
TriMode High-temperature Tip When used with the 1.5 m Socket Cable
XL, this tip can be used in environments from –55 °C to 150 °C. Up to
10 GHz bandwidth with DSP.
Damped Wire Tip Low-cost solder tips ideal for high-density probing. Up
to 8 GHz bandwidth.
Precision Differential Probing Module High-performance handheld
probing module. Up to 18 GHz bandwidth.
Handheld and fixtured probing needs are met using the optional Precision
Differential Probing Module (P75PDPM). Its small precision tapered tips,
variable articulation of the probe tip, and quick-adjusting variable tip spacing
provides the needed flexibility for adapting to vias and other test points of
differing sizes from 30 mils to 180 mils.
These precision connectivity tools enable you to access multiple signals on
anything from convenient test pads to hard-to-reach, high-density circuitry.
4 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com