Electronic Components Datasheet Search
  English  ▼

X  

P7520 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # P7520
Description  TriMode Probe Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P7520 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  P7520 Datasheet HTML 1Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 2Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 3Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 4Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 5Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 6Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 7Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Datasheet
Contact Tektronix:
ASEAN / Australasia (65) 6356 3900
Austria 00800 2255 4835*
Balkans, Israel, South Africa and other ISE Countries +41 52 675 3777
Belgium 00800 2255 4835*
Brazil +55(11)37597627
Canada 1 800 833 9200
Central East Europe and the Baltics +41526753777
Central Europe & Greece +41 52 675 3777
Denmark +4580881401
Finland +4152675 3777
France 00800 2255 4835*
Germany 00800 2255 4835*
Hong Kong 400 820 5835
India 000 800 650 1835
Italy 00800 2255 4835*
Japan 81 (3) 6714 3010
Luxembourg +41526753777
Mexico, Central/South America & Caribbean 52 (55) 56 04 50 90
Middle East, Asia, and North Africa +41 52 675 3777
The Netherlands 00800 2255 4835*
Norway 800 16098
People’s Republic of China 400 820 5835
Poland +41 52 675 3777
Portugal 80 08 12370
Republic of Korea 001 800 8255 2835
Russia & CIS +7 (495) 7484900
South Africa +41526753777
Spain 00800 2255 4835*
Sweden 00800 2255 4835*
Switzerland 00800 2255 4835*
Taiwan 886 (2) 2722 9622
United Kingdom & Ireland 00800 2255 4835*
USA 1 800 833 9200
* European toll-free number. If not accessible, call: +41 52 675 3777
Updated 10 February 2011
For Further Information. Tektronix maintains a comprehensive, constantly expanding
collection of application notes, technical briefs and other resources to help engineers working
on the cutting edge of technology. Please visit www.tektronix.com
Copyright © Tektronix, Inc. All rights reserved. Tektronix products are covered by U.S. and foreign patents,
issued and pending. Information in this publication supersedes that in all previously published material.
Specification and price change privileges reserved. TEKTRONIX and TEK are registered trademarks of
Tektronix, Inc. All other trade names referenced are the service marks, trademarks, or registered trademarks
of their respective companies.
17 Aug 2012
51W-20271-13
Optional Tip Accessories
Description
Part Number
TriMode Performance Solder Tip
P75PST
P7500 Series Precision Differential Probing Module
P7500 Precision Differential Probing Module Accessory Kit
(See 1 through 7 below)
P75PDPM
1) Tip Cable (1 ps matched pair, 1 each)
P75TC
2) Probing Module Tip
Probe Tips Replacement Kit 1 Each (Right and left side)
P75PMT
3) Accessory Kit; Ground Spring, Large 4 Each
016-1998-xx
4) Accessory Kit; Ground Spring, Small 4 Each
016-1999-xx
5) Handle, Adapter (Probing Module)
367-0545-xx
6) G3PO Separator Tool
003-1897-xx
7) Ground Spring Tool
003-1900-xx
TriMode Resistor Solder Tip
020-2936-xx
TriMode Extended-resistor Solder Tip
020-2944-xx
Resistor Replacement Kit
020-2937-xx
Solder Tip Ramps, 25 Each
020-3118-xx
Socket Cable
020-2954-xx
Socket Cable, XL
020-2960-xx
TriMode High-temperature Tip
020-2958-xx
TriMode Micro-coax Tip
020-2955-xx
Damped Wire Tip
020-2959-xx
Nexus Interposer DDR Solder Tip
020-3022-xx
Deskew Fixture
067-1586-xx
Probe Positioner
PPM100
Precision, 3 Position, Probe Positioner
PPM203B
8200 Series TekConnect® Probe Interface
80A03
(FW Version
≥2.3)
RTSA Series TekConnect® Probe Interface
RTPA2A
(FW Version
≥2.3)
Tektronix is registered to ISO 9001 and ISO 14001 by SRI Quality System Registrar.
Product(s) complies with IEEE Standard 488.1-1987, RS-232-C, and with Tektronix
Standard Codes and Formats.
www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com