Electronic Components Datasheet Search
  English  ▼

X  

P7520 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # P7520
Description  TriMode Probe Family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P7520 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  P7520 Datasheet HTML 1Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 2Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 3Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 4Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 5Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 6Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 7Page - List of Unclassifed Manufacturers P7520 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TriMode™ Probe Family — P7500 Series
Standard Accessories
Description
P7520A/P7516
P7513A/P7508
P7506/P7504
Reorder Part Number
020-2790-xx
(P7516/P7513A/P7508)
020-2977-xx
(P7506/P7504)
The documentation kit contains:
Printed Quick Start User Manuals,
CD-ROM contains PDFs of basic probe
and measurement literature, and the probe
manuals (Quick Start User Manual and
Technical Reference Manual)
1each*1
1each
1each
071-3048-xx
(P7520A)
Antistatic Wrist Strap
1 each
006-3415-xx
Certificate of Traceable Calibration
1each
1each
1each
Standard with probe
Data Calibration Report: Lists the
manufacturing test results of your probe at
the time of shipment and is included with
every probe
1each
1each
1each
Standard with probe
DC Probe Calibration Fixture
1 each
067-1821-xx
DC Probe Calibration Fixture
1 each
1 each
067-1967-xx
50 Ω Coax Cable – Male BNC to Male BNC
1 each
1 each
1 each
012-0208-xx
50 Ω Coax Cable–MaleSMA to MaleSMA
1 each
1 each
1 each
174-1120-xx
Solder Tip Ramps (25 each)
1 each (P7520A only)
020-3118-xx
P7520A/P7516/P7513A/P7508 Accessory Box (See contents listing below 1 through 7)
1) TriMode Long-reach Solder Tip
2each
2each
P75TLRST
2) G3PO Bullet Kit (includes 4 bullets)
1 each
013-0359-xx
3) G3PO Bullet Removal Tool
1 each
003-1896-xx
4) Solder Kit: Solder Spool, Wire Spool
1 each
1 each
020-2754-xx
5) Tape, Adhesive (Strip, 10 each)
1 each
1 each
006-8237-xx
6) Marker Band Set (2 each of 5 colors)
1 each
1 each
016-0633-xx
7) Socket Cable
1 each
020-2954-xx
P7506/P7504 Accessory Box (See contents listing below 1 through 6)
1) Socket Cable
1 each
020-2954-xx
2) TriMode Micro-coax Tip
4 each
020-2955-xx
3) TriMode High-temperature Tip
2 each
020-2958-xx
4) Solder Kit: Solder Spool, Wire Spool
1 each
020-2754-xx
5) Tape, Adhesive (Strip, 10 each)
1 each
006-8237-xx
6) Marker Band Set (2 each of 5 colors)
1 each
016-0633-xx
*1
P7520A documentation is a printed instruction manual.
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com