| Electronic Components Datasheet Search |
|
ML22P808 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML22P808 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers |
|
20 / 41 page ![]() FEDL2280XFULL-04 ML22808/ML22804/Ml22802-XXX FUNCTIONAL DESCRIPTION Serial CPU Interface Command data can be input through the DI pin by signals input through the CS and SCK pins. Setting the CS pin to a “L” level enables the serial CPU interface. After the CS pin is set to a “L” level, the command data, which is synchronized with the SCK clock signal, is input through the DI pin from the MSB. The command data input through the DI pin is shifted into the LSI on the rising or falling edges of the SCK clock pulses and the command is executed by the rising or falling edge of the eighth pulse of the SCK clock. Choosing between rising edges and falling edges of the clock pulses input through the SCK pin is determined by the signal input through the DIPH pin: - When the DIPH pin is at a “L” level, the data input through the DI pin is shifted into the LSI on the rising edges of the SCK clock pulses. - When the DIPH pin is at a “H” level, the data input through the DI pin is shifted into the LSI on the falling edges of the SCK clock pulses. It is possible to input command data in the LSI even by holding the CS pin continuously at a “L” level. However, if unexpected pulses caused by noise are induced through the SCK pin, SCK clock pulses are incorrectly counted. As a result, command data cannot be input correctly. Setting the CS pin to a “H” level returns the count of the SCK clock pulses to the initial state. Command and Data Input Timings CS SCK DI • SCK rising edge operation (when DIPH pin = “L” level) D7 D6 D5 D4 D3 D2 D1 D0 (MSB) (LSB) CS SCK DI • SCK falling edge operation (when DIPH pin = “H” level) D7 D6 D5 D4 D3 D2 D1 D0 (MSB) (LSB) CS SCK DI D7 D6 D5 D4 D3 D2 D1 D0 (MSB) (LSB) CS SCK DI D7 D6 D5 D4 D3 D2 D1 D0 (MSB) (LSB) 20/41 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |