Electronic Components Datasheet Search
  English  ▼

X  

ML22P808 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # ML22P808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P808 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button ML22P808 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
9.
CLOOP command
• command
1
0
0
1
⎯
⎯
⎯
⎯
The CLOOP command releases repeat playback mode.
When repeat playback mode is released, NCR goes “H”.
It is possible to input the CLOOP command
regardless of the NCR status during playback, but a prescribed command interval needs taking.
CLOOP Command Input Timing
Depending on the timing of the CLOOP command input during repeat playback, the repeat playback will end
either at the end of the currently playing phrase or after one more repetition of the phrase.
The repeat playback will end at the currently playing phrase at the CLOOP command input timing shown in the
table below.
Playback method
CLOOP input timing
Amount of remaining voice data in the phrase being played
4-bit ADPCM2
35 samples or more
8-bit nonlinear/straight PCM
18 samples or more
16-bit straight PCM
18 samples or more
In 4-bit ADPCM2, if the CLOOP command is input 35 or more samples earlier than the time when playback of 1
phrase ends, repeat playback will end with that phrase.
If the command is input after the amount of remaining
voice data becomes less than 35 samples, playback of the phrase will be repeated once more.
1 phrase
35 samples
1 phrase
If the command is input at this timing, playback
of the phrase will be repeated once more.
In 8-bit nonlinear/straight PCM or 16-bit straight PCM, if the CLOOP command is input 18 or more samples
earlier than the time when playback of 1 phrase ends, repeat playback will end with that phrase.
If the
command is input after the amount of remaining voice data becomes less than 18 samples, playback of the
phrase will be repeated once more.
1 phrase
18 samples
If the command is input at this timing, playback
will end with this phrase.
35/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com