Electronic Components Datasheet Search
  English  ▼

X  

ML22P808 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # ML22P808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P808 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button ML22P808 Datasheet HTML 25Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 26Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 27Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
4.
PDWN2 command
• command
0
0
1
1
⎯
⎯
⎯
⎯
The PDWN2 command is used to shift the ML22804/ML22808-xxx from a command wait state (both NCR and
BUSY are “H”) to a power down state. However, this command is disabled during playback.
To resume playback after the ML22804/ML22808-xxx has shifted to the power down state, first input the PUP1
or PUP2 command and then input the PLAY command.
CS
Status
Power down
SCK
DI
NCR
BUSY
Awaiting command
XT
•XT
AOUT
GND
1V
Pop noise is being
suppressed
Command is being processed
Oscillation
stopped
Oscillating
After the PDWN1 command is input and after an elapse of command processing time, the oscillation stops and
the AOUT output gradually changes from approx. 1 V level to GND level in about 64 ms.
Any command that is input while pop noise is being suppressed will be ignored.
However, if a “L” level is
input to the
RESET pin, the device enters the power down state immediately.
29/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com