Electronic Components Datasheet Search
  English  ▼

X  

ML22P808 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ML22P808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P808 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ML22P808 Datasheet HTML 28Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 29Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 30Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 31Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 32Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 33Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
6.
STOP command
• command
0
1
1
0
⎯
⎯
⎯
⎯
The STOP command is used to stop playback.
When speech synthesis processing stops, the AOUT output
becomes 1/4VDD and the NCR and BUSY signals go “H”.
Although it is possible to input the STOP command regardless of the status of NCR during playback, a
prescribed command interval time needs taking.
Note that STOP command input during power down, shifting to power up, and shifting to power down will be
ignored.
CS
Status
SCK
DI
NCR
BUSY
AOUT
1V
STOP command
Command is being processed
Playing
Awaiting command
Because the AOUT output abruptly changes to approx. 1 V level after the STOP command is input, pop noise
may be generated.
To prevent pop noise, input the STOP command after gradually decreasing the volume by
the VOL command.
32/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com