Electronic Components Datasheet Search
  English  ▼

X  

ML22P808 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML22P808
Description  LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22P808 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML22P808 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22P808 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
FEDL2280XFULL-04
ML22808/ML22804/Ml22802-XXX
PIN DESCRIPTION
Pin
Symbol
Type
Description
1
XT
I
Connects to a crystal or a ceramic resonator.
A feedback resistor of around 1 M
Ω is built in between this XT pin and
XT pin. When using an external clock, input the clock from this pin.
If a crystal or a ceramic resonator is used, connect it as close to the LSI
as possible.
2
XT
O
Connects to a crystal or a ceramic resonator.
When using an external clock, leave this pin open.
If a crystal or a ceramic resonator is used, connect it as close to the LSI
as possible
3
TEST0
I
Input pin for testing.
Tie this pin at a “L” level (DGND level).
4
TEST1
I
Input pin for testing.
Tie this pin at a “L” level (DGND level).
5
DGND
—
Digital ground pin.
6
DIPH
I
Pin for choosing between rising edges and falling edges as to the edges
of the SCK pulses used for shifting serial data input to the DI pin into the
inside of the LSI.
When this pin is at a “L” level, DI input data is shifted
into the LSI on the rising edges of the SCK clock pulses; when this pin is
at a “H” level, DI input data is shifted into the LSI on the falling edges of
the SCK clock pulses.
7
(SEL)
SEL0
I
Memory bank selecting pin.
Enabled when memory bank selecting is
specified at the time the PUP1 or PUP2 command is input.
Do not
change during speech playback (when the
BUSY pin is at “L”)
8
(TEST2)
SEL1
I
ML22808/ML22804/ML22P808/ML22P804:
Memory bank selecting pin.
Enabled when memory bank selecting is
specified at the time the PUP1 or PUP2 command is input.
Do not
change during speech playback (when the
BUSY pin is at “L”)
ML22802/ML22P802:
Input pin for testing. Tie this pin at “L” (DGND level).
9
CS
I
Chip select input pin.
A “L” level on this pin enables the serial interface.
10
SCK
I
Serial clock input pin.
11
DI
I
Serial data input pin.
12
BUSY
O
Pin that outputs a signal that indicates the phrase playback status.
If the LSI is playing a phrase, this pin outputs a “L” level.
If the LSI is in a standby state, this pin outputs a “H” level.
13
NCR
O
Pin that outputs a signal that indicates whether command input is
enabled or disabled.
If command input is enabled, this pin outputs a “H” level.
If command input is disabled, this pin outputs a “L” level.
14
RESET
I
During a reset input, the entire circuit is stopped and enters a power
down state.
Upon power-on, input a “L” level to this pin.
Put this pin into a “H” level
after the power supply voltage is stabilized.
18
TESTO0
O
Output pin for testing.
Leave this pin open.
19,24
PGND
—
Ground pin for the internal P2ROM.
22
PVDD
—
Power supply pin for the internal P2ROM.
Connect a capacitor of 0.1
μF or more between this pin and PGND.
23
TESTO1
O
Output pin for testing.
Leave this pin open.
7/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com