Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 257 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 257 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 253Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 254Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 255Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 256Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 257Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 258Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 259Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 260Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 261Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
257
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
AIF1ADC_DIV
[2:0]
000
Selects the AIF1 output path sample rate relative to the AIF1 input path
sample rate.
This field should only be changed from default in modes where the AIF1
output path sample rate is slower than the AIF1 input path sample rate.
000 = Divide by 1
001 = Divide by 1.5
010 = Divide by 2
011 = Divide by 3
100 = Divide by 4
101 = Divide by 5.5
110 = Divide by 6
111 = Reserved
Register 0201h AIF1 Clocking (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R516 (0204h)
AIF2
Clocking (1)
4:3
AIF2CLK_SRC
[1:0]
00
AIF2CLK Source Select
00 = MCLK1
01 = MCLK2
10 = FLL1
11 = FLL2
2
AIF2CLK_INV
0
AIF2CLK Invert
0 = AIF2CLK not inverted
1 = AIF2CLK inverted
1
AIF2CLK_DIV
0
AIF2CLK Divider
0 = AIF2CLK
1 = AIF2CLK / 2
0
AIF2CLK_ENA
0
AIF2CLK Enable
0 = Disabled
1 = Enabled
Register 0204h AIF2 Clocking (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R520 (0208h)
Clocking (1)
4
TOCLK_ENA
0
Slow Clock (TOCLK) Enable
0 = Disabled
1 = Enabled
This clock is required for zero-cross timeout.
3
AIF1DSPCLK_EN
A
0
AIF1 Processing Clock Enable
0 = Disabled
1 = Enabled
2
AIF2DSPCLK_EN
A
0
AIF2 Processing Clock Enable
0 = Disabled
1 = Enabled
1
SYSDSPCLK_EN
A
0
Digital Mixing Processor Clock Enable
0 = Disabled
1 = Enabled
0
SYSCLK_SRC
0
SYSCLK Source Select
0 = AIF1CLK
1 = AIF2CLK
Register 0208h Clocking (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com