Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 274 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 274 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 270Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 271Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 272Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 273Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 274Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 275Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 276Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 277Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 278Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
274
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1025
(0401h) AIF1
ADC1 Right
Volume
8
AIF1ADC1_VU
0
AIF1ADC output path Volume Update
Writing a 1 to this bit will cause the AIF1ADC1L and AIF1ADC1R volume to
be updated simultaneously
7:0
AIF1ADC1R_VOL
[7:0]
1100_0000
AIF1ADC (Right) output path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
Register 0401h AIF1 ADC1 Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1026
(0402h) AIF1
DAC1 Left
Volume
8
AIF1DAC1_VU
0
AIF1DAC input path Volume Update
Writing a 1 to this bit will cause the AIF1DAC1L and AIF1DAC1R volume to
be updated simultaneously
7:0
AIF1DAC1L_VOL
[7:0]
1100_0000
AIF1DAC (Left) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0402h AIF1 DAC1 Left Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1027
(0403h) AIF1
DAC1 Right
Volume
8
AIF1DAC1_VU
0
AIF1DAC input path Volume Update
Writing a 1 to this bit will cause the AIF1DAC1L and AIF1DAC1R volume to
be updated simultaneously
7:0
AIF1DAC1R_VOL
[7:0]
1100_0000
AIF1DAC (Right) input path Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
C0h = 0dB
FFh = 0dB
Register 0403h AIF1 DAC1 Right Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1040
(0410h) AIF1
ADC1 Filters
15
AIF1ADC_4FS
0
Enable AIF1ADC ultrasonic mode (4FS) output, bypassing all AIF1 baseband
output filtering
0 = Disabled
1 = Enabled
14:13
AIF1ADC1_HPF_
CUT [1:0]
00
AIF1ADC output path Digital HPF cut-off frequency (fc)
00 = Hi-fi mode (fc = 4Hz at fs = 48kHz)
01 = Voice mode 1 (fc = 64Hz at fs = 8kHz)
10 = Voice mode 2 (fc = 130Hz at fs = 8kHz)
11 = Voice mode 3 (fc = 267Hz at fs = 8kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com