Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 270 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 270 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 266Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 267Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 268Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 269Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 270Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 271Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 272Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 273Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 274Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
270
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
13
AIF2_CLK_FRC
0
Forces BCLK2 and LRCLK2 to be enabled when all AIF2 audio channels are
disabled.
0 = Normal
1 = BCLK2 and LRCLK2 always enabled in Master mode
12
AIF2_LRCLK_FR
C
0
Forces LRCLK2 to be enabled when all AIF2 audio channels are disabled.
0 = Normal
1 = LRCLK2 always enabled in Master mode
Register 0312h AIF2 Master/Slave
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R787 (0313h)
AIF2 BCLK
8:4
AIF2_BCLK_DIV
[4:0]
0_0100
BCLK2 Rate
00000 = AIF2CLK
00001 = AIF2CLK / 1.5
00010 = AIF2CLK / 2
00011 = AIF2CLK / 3
00100 = AIF2CLK / 4
00101 = AIF2CLK / 5
00110 = AIF2CLK / 6
00111 = AIF2CLK / 8
01000 = AIF2CLK / 11
01001 = AIF2CLK / 12
01010 = AIF2CLK / 16
01011 = AIF2CLK / 22
01100 = AIF2CLK / 24
01101 = AIF2CLK / 32
01110 = AIF2CLK / 44
01111 = AIF2CLK / 48
10000 = AIF2CLK / 64
10001 = AIF2CLK / 88
10010 = AIF2CLK / 96
10011 = AIF2CLK / 128
10100 = AIF2CLK / 176
10101 = AIF2CLK / 192
10110 - 11111 = Reserved
Register 0313h AIF2 BCLK
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R788 (0314h)
AIF2ADC
LRCLK
12
AIF2ADC_LRCLK
_INV
0
DSP Mode – mode A/B select (AIF2 output)
0 = MSB is available on 2nd BCLK2 rising edge after LRCLK2 rising edge
(mode A)
1 = MSB is available on 1st BCLK2 rising edge after LRCLK2 rising edge
(mode B)
6
1
Reserved - do not change
Register 0314h AIF2ADC LRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com