Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 269 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 269 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 265Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 266Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 267Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 268Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 269Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 270Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 271Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 272Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 273Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
269
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R785 (0311h)
AIF2 Control
(2)
15
AIF2DACL_SRC
0
AIF2 Left Receive Data Source Select
0 = Left DAC receives left interface data
1 = Left DAC receives right interface data
14
AIF2DACR_SRC
1
AIF2 Right Receive Data Source Select
0 = Right DAC receives left interface data
1 = Right DAC receives right interface data
13
AIF2DAC_TDM
0
AIF2 receive (DAC) TDM Enable
0 = Normal DACDAT2 operation
1 = TDM enabled on DACDAT2
12
AIF2DAC_TDM_
CHAN
0
AIF2 receive (DAC) TDM Slot Select
0 = Slot 0
1 = Slot 1
11:10
AIF2DAC_BOOS
T [1:0]
00
AIF2 Input Path Boost
00 = 0dB
01 = +6dB (input must not exceed -6dBFS)
10 = +12dB (input must not exceed -12dBFS)
11 = +18dB (input must not exceed -18dBFS)
8
AIF2_MONO
0
AIF2 DSP Mono Mode
0 = Disabled
1 = Enabled
Note that Mono Mode is only supported when AIF2_FMT = 11.
4
AIF2DAC_COMP
0
AIF2 Receive Companding Enable
0 = Disabled
1 = Enabled
3
AIF2DAC_COMP
MODE
0
AIF2 Receive Companding Type
0 = µ-law
1 = A-law
2
AIF2ADC_COMP
0
AIF2 Transmit Companding Enable
0 = Disabled
1 = Enabled
1
AIF2ADC_COMP
MODE
0
AIF2 Transmit Companding Type
0 = µ-law
1 = A-law
0
AIF2_LOOPBACK
0
AIF2 Digital Loopback Function
0 = No loopback
1 = Loopback enabled (ADCDAT2 data output is directly input to DACDAT2
data input).
Register 0311h AIF2 Control (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R786 (0312h)
AIF2 Master/
Slave
15
AIF2_TRI
0
AIF2 Audio Interface tri-state
0 = AIF2 pins operate normally
1 = Tri-state all AIF2 interface pins
Note that pins not configured as AIF2 functions are not affected by this
register.
14
AIF2_MSTR
0
AIF2 Audio Interface Master Mode Select
0 = Slave mode
1 = Master mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com