Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 272 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 272 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 268Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 269Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 270Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 271Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 272Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 273Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 274Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 275Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 276Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 328 page
background image
WM1811A
Production Data
w
PD, November 2013, Rev 4.1
272
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AIF2TXR_ENA
1
Enable AIF2DAC (Right) input path
0 = Disabled
1 = Enabled
This bit must be set for AIF2 output of the AIF2ADC (Left) signal. For AIF3
output only, this bit can be set to 0.
Register 0318h AIF2TX Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R800 (0320h)
AIF3 Control
(1)
7
AIF3_LRCLK_INV
0
Right, left and I2S modes – LRCLK3 polarity
0 = normal LRCLK3 polarity
1 = invert LRCLK3 polarity
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK3 rising edge after LRCLK3 rising edge
(mode A)
1 = MSB is available on 1st BCLK3 rising edge after LRCLK3 rising edge
(mode B)
6:5
AIF3_WL [1:0]
10
AIF3 Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - 8-bit modes can be selected using the “Companding” control bits.
Note that this controls the AIF3 Mono PCM interface path only; it does not
affect AIF3 inputs/outputs routed to AIF1 or AIF2.
Register 0320h AIF3 Control (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R801 (0321h)
AIF3 Control
(2)
11:10
AIF3DAC_BOOS
T [1:0]
00
AIF3 Input Path Boost
00 = 0dB
01 = +6dB (input must not exceed -6dBFS)
10 = +12dB (input must not exceed -12dBFS)
11 = +18dB (input must not exceed -18dBFS)
Note that this controls the AIF3 Mono PCM interface path only; it does not
affect DACDAT3 input to AIF1 or AIF2.
4
AIF3DAC_COMP
0
AIF3 Receive Companding Enable
0 = Disabled
1 = Enabled
Note that this controls the AIF3 Mono PCM interface path only; it does not
affect DACDAT3 input to AIF1 or AIF2.
3
AIF3DAC_COMP
MODE
0
AIF3 Receive Companding Type
0 = µ-law
1 = A-law
Note that this controls the AIF3 Mono PCM interface path only; it does not
affect DACDAT3 input to AIF1 or AIF2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com