Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 271 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 271 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 267Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 268Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 269Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 270Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 271Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 272Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 273Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 274Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 275Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
271
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R789 (0315h)
AIF2DAC
LRCLK
12
AIF2DAC_LRCLK
_INV
0
Right, left and I2S modes – LRCLK2 polarity
0 = normal LRCLK2 polarity
1 = invert LRCLK2 polarity
Note that AIF2DAC_LRCLK_INV selects the LRCLK2 polarity in Master
mode and in Slave mode.
DSP Mode – mode A/B select (AIF2 input)
0 = MSB is available on 2nd BCLK2 rising edge after LRCLK2 rising edge
(mode A)
1 = MSB is available on 1st BCLK2 rising edge after LRCLK2 rising edge
(mode B)
11
AIF2DAC_LRCLK
_DIR
0
Allows LRCLK2 to be enabled in Slave mode
0 = Normal
1 = LRCLK2 enabled in Slave mode
10:0
AIF2DAC_RATE
[10:0]
000_0100_000
0
LRCLK2 Rate
LRCLK2 clock output =
BCLK2 / AIF2DAC_RATE
Integer (LSB = 1)
Valid from 8..2047
Register 0315h AIF2DAC LRCLK
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R790 (0316h)
AIF2DAC
Data
1
AIF2DACL_DAT_I
NV
0
AIF2 Left Receive Data Invert
0 = Not inverted
1 = Inverted
0
AIF2DACR_DAT_
INV
0
AIF2 Right Receive Data Invert
0 = Not inverted
1 = Inverted
Register 0316h AIF2DAC Data
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R791 (0317h)
AIF2ADC
Data
1
AIF2ADCL_DAT_I
NV
0
AIF2 Left Transmit Data Invert
0 = Not inverted
1 = Inverted
0
AIF2ADCR_DAT_
INV
0
AIF2 Right Transmit Data Invert
0 = Not inverted
1 = Inverted
Register 0317h AIF2ADC Data
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R792 (0318h)
AIF2TX
Control
1
AIF2TXL_ENA
1
Enable AIF2DAC (Left) input path
0 = Disabled
1 = Enabled
This bit must be set for AIF2 output of the AIF2ADC (Left) signal. For AIF3
output only, this bit can be set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com