Electronic Components Datasheet Search
  English  ▼

X  

WM1811A Datasheet(PDF) 267 Page - Wolfson Microelectronics plc

Part # WM1811A
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM1811A Datasheet(HTML) 267 Page - Wolfson Microelectronics plc

Back Button WM1811A Datasheet HTML 263Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 264Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 265Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 266Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 267Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 268Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 269Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 270Page - Wolfson Microelectronics plc WM1811A Datasheet HTML 271Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 328 page
background image
Production Data
WM1811A
w
PD, November 2013, Rev 4.1
267
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R772 (0304h)
AIF1ADC
LRCLK
12
AIF1ADC_LRCLK
_INV
0
Right, left and I2S modes – ADCLRCLK1 polarity
0 = normal ADCLRCLK1 polarity
1 = invert ADCLRCLK1 polarity
Note that AIF1ADC_LRCLK_INV selects the ADCLRCLK1 polarity in Master
mode and in Slave mode.
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK1 rising edge after ADCLRCLK1 rising
edge (mode A)
1 = MSB is available on 1st BCLK1 rising edge after ADCLRCLK1 rising
edge (mode B)
11
AIF1ADC_LRCLK
_DIR
0
Allows ADCLRCLK1 to be enabled in Slave mode
0 = Normal
1 = ADCLRCLK1 enabled in Slave mode
10:0
AIF1ADC_RATE
[10:0]
000_0100_000
0
ADCLRCLK1 Rate
ADCLRCLK1 clock output =
BCLK1 / AIF1ADC_RATE
Integer (LSB = 1)
Valid from 8..2047
Register 0304h AIF1ADC LRCLK
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R773 (0305h)
AIF1DAC
LRCLK
12
AIF1DAC_LRCLK
_INV
0
Right, left and I2S modes – LRCLK1 polarity
0 = normal LRCLK1 polarity
1 = invert LRCLK1 polarity
Note that AIF1DAC_LRCLK_INV selects the LRCLK1 polarity in Master
mode and in Slave mode.
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK1 rising edge after LRCLK1 rising edge
(mode A)
1 = MSB is available on 1st BCLK1 rising edge after LRCLK1 rising edge
(mode B)
11
AIF1DAC_LRCLK
_DIR
0
Allows LRCLK1 to be enabled in Slave mode
0 = Normal
1 = LRCLK1 enabled in Slave mode
10:0
AIF1DAC_RATE
[10:0]
000_0100_000
0
LRCLK1 Rate
LRCLK1 clock output =
BCLK1 / AIF1DAC_RATE
Integer (LSB = 1)
Valid from 8..2047
Register 0305h AIF1DAC LRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com