Electronic Components Datasheet Search
  English  ▼

X  

SC009221 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SC009221
Description  E Ink Segmented Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC009221 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SC009221 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
E Ink® Evaluation Guide
12
5.1 E Ink Segmented Display Cell Standard Parts - Indicators
The following table outlines part numbers, connector options and other information for E Ink
Standard Segmented Display Cells (SDCs).
Part Number
Drawing
Active Area H x W /
Segments
Connectors
14 Bar Capacity
Indicator
E Ink SC002221
37.5 mm X 8.5 mm
14 Segments
Tyco 517345926
5 Bar Capacity
Indicator
E Ink SS001221
26.3 mm X 8.5 mm
5 Segments
Tyco 517345926



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com