Electronic Components Datasheet Search
  English  ▼

X  

SC009221 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC009221
Description  E Ink Segmented Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC009221 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SC009221 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
E Ink® Evaluation Guide
8
3.4 Recommended Driving Specifications
The table below outlines the comparative performance of the key specifications of E Ink
Segmented displays. See the table below for recommended drive times based on voltage.
Feature
5V
15V
Contrast/Reflectance
60 – 80%
100%
Refresh Rate
720ms – 1200ms
240ms
Display Driver Required
No
Yes
Temperature
25C
25C
3.5 15 Volt Display Drivers
Dialog Semiconductor – Contact Anne Joubert
anne.joubert@dialogsemi.com
Part
Segments
Packages
Interface
DA8541
96
Bare die (100mm pitch)
SPI or I2C
DA8527
24
36-pin 4x4mm LGA
SPI
DA8521
64
80-pin 5x5mm LGA
SPI
DA8523
192
208-pin 7x12mm LGA
SPI
DA8531
64
80-pin 5x5mm BGA
SPI
Solomon Systech – Contact Raymond Cheung
raymondcheung@solomon-systech.com
Part
Segments Packages
Interface
SSD1621
94
V Bare Die / Z gold bump Die / U COF
SPI
SSD1623
97
V Bare Die / Z gold bump Die / UR1 COF
SPI
Epson
Part
Segments
Packages
Interface
S1D14F51
24
PFBGA / Gold bump chip / Bare chip
SPI or I2C
S1D14F57
256
Gold bump chip / Bare chip
SPI or I2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com