Electronic Components Datasheet Search
  English  ▼

X  

SC009221 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SC009221
Description  E Ink Segmented Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC009221 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SC009221 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
E Ink® Evaluation Guide
6
3.0 Segmented Display Options and the Electronics Ecosystem
E Ink offers two types of Segmented displays: Segmented Display Cells (SDCs), and
Segmented Display Modules (SDMs).
SDCs are independent display cells that do not include any embedded electronics; they can be
driven at either 5V or 15V. Typically, SDCs are used in simpler designs with lower segment
counts and fewer pin outs. Designs that have adequate space and less restrictive PCB
integration needs are ideal for SDC applications.
SDMs include an integrated E Ink display driver for a complete display solution, typically for
designs that have demanding integration requirements. SDMs simplify the integration effort by
reducing the number of pin outs required between the MCU and display. As a result, less space
is needed for connection to the PCB.
3.1 5V Segmented Display Cell (SDC)
E Ink Segmented Display Cells (SDCs) can be driven as low as 5V, depending upon the nature
of the application. At 5V, contrast/reflectance will be 60-80% of the performance at 15V, and
will refresh at 720 milliseconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com