Electronic Components Datasheet Search
  English  ▼

X  

SC009221 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC009221
Description  E Ink Segmented Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC009221 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC009221 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
E Ink® Evaluation Guide
3
1.0 E Ink Background
E Ink Corporation is the creator of electronic ink — the optical component of a proprietary film
used in Electronic Paper Displays. Although futuristic in concept, electronic ink is a
straightforward fusion of existing knowledge in chemistry, physics and electronics. E Ink
displays offer high contrast, superior paper-like readability and low power consumption,
drawing power only when switching the display.
1.1 How Does E Ink Work?
Electronic ink is made up of millions of tiny microcapsules, about the diameter of a human hair.
Each microcapsule contains positively charged white particles and negatively charged black
particles which are suspended in a clear fluid. When a positive or negative electric field is
applied, corresponding particles move to the top of the microcapsule where they become visible
to the user. This makes the surface appear white or black at that spot.
1.2 Segmented Display Construction
E Ink Segmented displays are comprised of four layers. The ink is coated onto a sheet of plastic
film that is then laminated to a back plane with electrical connections. The back plane is
manufactured using either printed carbon (PET) or Polyimide. When manufacturing a
Segmented display, the film and back plane are then sealed between top and rear environmental
protective layers, ensuring the internal conditions of the display are maintained and optimized
for switching the ink.
The figure below shows a cross-section view of an E Ink Segmented display including from top
to bottom: Top protective layer, E Ink film, back plane connection, and rear protective layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com