Electronic Components Datasheet Search
  English  ▼

X  

SC009221 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC009221
Description  E Ink Segmented Displays
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC009221 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC009221 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC009221 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E Ink® Evaluation Guide
4
Each segment on an E Ink display has an individual electrode on the back plane. Each electrode
is routed on the back plane, forming a display connector or tail off the edge of the display. For a
Segmented Display Cell (SDC), the tail includes one trace for each segment plus two additional
traces for top plane and back plane connection. For example, if your display uses 96 segments,
the tail would include 98 traces or pin outs.
2.0 Benefits of E Ink Segmented Displays
E Ink Segmented displays are ultra-low power, thin, and rugged. E Ink's unique reflective
display technology is sunlight readable and can display an image with no power. This enables
engineers and designers to add displays to products where power and space limitations
have made it impossible to do so before. Applications for the technology are broad, including
a wide variety of consumer electronics, watches, medical devices, industrial gauges, PC-
accessories, smart cards, electronic shelf labels, and mobile communications.
The disruptive benefits of E Ink Segmented displays include:
§ Ultra Low Power –E Ink displays are bi-stable, drawing power only when updating the
display. Consuming approximately 0.5 micro amps per cm2 while switching the display,
E Ink displays require zero power to display a static image.
§ Thinness – E Ink Segmented display thickness can be between 380 and 560 microns
§ Rugged – E Ink Segmented displays are non-glass and shatterproof for added durability.
§ High contrast – E Ink Segmented displays are daylight readable with a 180 degree
viewing angle.
§ Design – E Ink Segmented displays can be manufactured in any 2D shape such a circle,
triangle, or abstract shape, enhancing industrial designs. In addition, E Ink’s unique
capabilities allow for the foreground and background to be reversed from black on white
or white on black.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com