Electronic Components Datasheet Search
  English  ▼

X  

HT9015 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ. Max. Unit
VCC Conditions
VBAT-L
Detection Voltage 3
3.6V
¾¾
3.05
¾
V
VBAT-H
Detection Voltage 3
3.6V
¾¾
3.10
¾
V
VBAT-L
Detection Voltage 4
3.6V
¾¾
2.78
¾
V
VBAT-H
Detection Voltage 4
3.6V
¾¾
2.82
¾
V
VOL
Output Low Level Voltage
3.6V ISINK= 0.1mA
¾
0.1
¾
V
ILEAK
Output Leak Current
3.6V VALM= 3.6V
¾
0
¾mA
VTH
Minimum Detection Level
3.6V f= 500Hz
¾¾
¾
mVrms
VOL
Output Low Level Voltage
3.6V ISINK= 0.2mA
¾
0.1
¾
V
ILEAK
Output Leak Current
3.6V VDATA= 3.6V
¾
0
¾mA
VTH-H
Noise Detection Level
3.6V
¾¾
0.57
¾
V
VTH-L
Noise Detection Level
3.6V
¾¾
0.47
¾
V
VOL
Noise Detection Level
Voltage
3.6V ISINK= 0.2mA
¾
0.1
¾
V
ILEAK
Output Leak Current
3.6V VSIG= 3.6V
¾
0
¾
mA
VTH-L
RSSI Comparator
Detection Voltage
3.6V Comparator
Output L ® H
¾
0.72
¾
V
VTH-H
RSSI Comparator
Detection Voltage
3.6V Comparator
Output H ® L
¾
0.8
¾
V
VHYS
RSSI Comparator Hysteresis
3.6V
¾¾
0.08
¾
V
PLL Detection
dBmV=dBmV EMF (Open), Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
fIN
Operating Frequency
3.6V
¾¾
46.61
¾
MHz
VIN
TX-PLL Input Sensitivity
3.6V
¾¾
103
¾
dBmV
VLO
Local Oscillator Input
Sensitivity
3.6V fLO= 10.240MHz
¾
110
¾
dBmV
ICP1
Charge Pump Output Current
3.6V VCP= 1.8V
¾
200
¾mA
ICP2
Charge Pump Output Current
3.6V VCP= 1.8V
¾
400
¾mA
ILEAK
Charge Pump Leak Current
3.6V
¾¾
0
¾mA
fLO
Local Oscillator Operating
Frequency
3.6V VLO= 112dBmV
¾
10.24
¾
MHz
HT9015
7
April 10, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com