Electronic Components Datasheet Search
  English  ▼

X  

HT9015 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
HT9015
18
April 10, 2000
Preliminary
No i s e
- 15. 2 5dB V
- 25. 2 5dB V
- 35. 2 5dB V
- 45. 2 5dB V
- 10. 5 d B V
- 20dB V
- 30dB V
- 40dB V
- 50dB V
- 60dB V
- 70dB V
- 80dB V
0dB V
- 5dB V
- 10. 5 d B V
- 20dB V
- 30dB V
- 40dB V
- 50dB V
- 60dB V
- 70dB V
- 80dB V
0dB V
- 5dB V
- 7. 75 dB V
C o m p r e sso r
I npu t
C o m p r e sso r
O u t put
T r ans m i s s i on
M edi um
E x pander
I npu t
E x pander
O u t put
Figure 9 Illustration of compressed and extended signal
Compander
The compander (compressor and expander) is
composed of two variable gain circuits which
provide compression and expansion of the sig-
nal dynamic range. In consideration of the wide
band noise and maximum dynamic range
which exist in the transmission medium, the
general signal handling technique lowers the
general communication quality by reducing the
S/N ratio and generating a clipping phenome-
non. However the compander improves the
communication quality by automatically con-
trolling the gain based on the input signal level
to increase the valid dynamic range and to im-
prove the S/N ratio.
In the HT9015, the compressor will take a sig-
nal with a 75dB dynamic range (-5dB to
-80dB), and reduce it to a 37.5dB dynamic
range (-7.5dB to -45dB) by attenuating strong
signals,while amplifying low level signals. The
expander does the opposite in that the 37.5dB
signal range is increased to a dynamic range of
75dB by amplifying strong signals and attenu-
ating low level signals. The 0dB level is inter-
nally set at 316.227mVrms - that is the signal
level which is neither amplified nor attenuated.
See Figure 9 below. Through the action of the
compander, the noise of the transmission me-
dium is constant under -80dBV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com